Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC74AC273 Datasheet(PDF) 6 Page - ON Semiconductor |
|
MC74AC273 Datasheet(HTML) 6 Page - ON Semiconductor |
6 / 8 page MC74AC273, MC74ACT273 http://onsemi.com 6 MARKING DIAGRAMS SOEIAJ−20 74AC273 AWLYWWG 20 1 20 1 TSSOP−20 SOIC−20WB AC 273 ALYW G G 20 1 AC273 AWLYYWWG A = Assembly Location WL, L = Wafer Lot YY, Y = Year WW, W = Work Week G or G = Pb−Free Package (Note: Microdot may be in either location) 74ACT273 AWLYWWG 20 1 20 1 ACT 273 ALYW G G 20 1 ACT273 AWLYYWWG PDIP−20 MC74AC273N AWLYYWWG 20 1 MC74ACT273N AWLYYWWG 20 1 PACKAGE DIMENSIONS PDIP−20 N SUFFIX CASE 738−03 ISSUE E NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. M L J 20 PL M B M 0.25 (0.010) T DIM MIN MAX MIN MAX MILLIMETERS INCHES A 25.66 27.17 1.010 1.070 B 6.10 6.60 0.240 0.260 C 3.81 4.57 0.150 0.180 D 0.39 0.55 0.015 0.022 G 2.54 BSC 0.100 BSC J 0.21 0.38 0.008 0.015 K 2.80 3.55 0.110 0.140 L 7.62 BSC 0.300 BSC M 0 15 0 15 N 0.51 1.01 0.020 0.040 __ __ E 1.27 1.77 0.050 0.070 1 11 10 20 −A− SEATING PLANE K N F G D 20 PL −T− M A M 0.25 (0.010) T E B C F 1.27 BSC 0.050 BSC |
Número de pieza similar - MC74AC273 |
|
Descripción similar - MC74AC273 |