Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC74ACT373DTG Datasheet(PDF) 7 Page - ON Semiconductor |
|
MC74ACT373DTG Datasheet(HTML) 7 Page - ON Semiconductor |
7 / 12 page MC74AC373, MC74ACT373 http://onsemi.com 7 AC CHARACTERISTICS (For Figures and Waveforms − See AND8277/D at www.onsemi.com) Symbol Parameter VCC* (V) 74ACT 74ACT Unit Fig. No. TA = +25°C CL = 50 pF TA = −40°C to +85 °C CL = 50 pF Min Typ Max Min Max tPLH Propagation Delay Dn to On 5.0 2.5 8.5 10 1.5 11.5 ns 3−5 tPHL Propagation Delay Dn to On 5.0 2.0 8.0 10 1.5 11.5 ns 3−5 tPLH Propagation Delay LE to On 5.0 2.5 8.5 11 2.0 11.5 ns 3−6 tPHL Propagation Delay LE to On 5.0 2.0 8.0 10 1.5 11.5 ns 3−6 tPZH Output Enable Time 5.0 2.0 8.0 9.5 1.5 10.5 ns 3−7 tPZL Output Enable Time 5.0 2.0 7.5 9.0 1.5 10.5 ns 3−8 tPHZ Output Disable Time 5.0 2.5 9.0 11 2.5 12.5 ns 3−7 tPLZ Output Disable Time 5.0 1.5 7.5 8.5 1.0 10 ns 3−8 *Voltage Range 5.0 V is 5.0 V ±0.5 V. AC OPERATING REQUIREMENTS (For Figures and Waveforms − See AND8277/D at www.onsemi.com) Symbol Parameter VCC* (V) 74ACT 74ACT Unit Fig. No. TA = +25°C CL = 50 pF TA = −40°C to +85 °C CL = 50 pF Typ Guaranteed Minimum ts Setup Time, HIGH or LOW Dn to LE 5.0 3.0 7.0 8.0 ns 3−9 th Hold Time, HIGH or LOW Dn to LE 5.0 0 0 1.0 ns 3−9 tw LE Pulse Width, HIGH 5.0 2.0 7.0 8.0 ns 3−6 *Voltage Range 5.0 V is 5.0 V ±0.5 V. CAPACITANCE Symbol Parameter Value Typ Unit Test Conditions CIN Input Capacitance 4.5 pF VCC = 5.0 V CPD Power Dissipation Capacitance 40 pF VCC = 5.0 V |
Número de pieza similar - MC74ACT373DTG |
|
Descripción similar - MC74ACT373DTG |