Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL594-D16-T Datasheet(PDF) 7 Page - Unisonic Technologies |
|
TL594-D16-T Datasheet(HTML) 7 Page - Unisonic Technologies |
7 / 8 page TL594 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 7 of 8 www.unisonic.com.tw QW-R103-031,A TYPICAL APPLICATIONS INFORMATION Gnd 7 910 13 4 E1 E2 OC DT RT CT 6 14 + - 11 8 47 12 VCC C1 C2 22k +Vin = 8.0V ~ 20V + +VO = 28V IO = 0.2A 50 35V 50 35V 1N4934 + - VREF Comp UTC TL594 4.7k 1.0M 5 0.001 4.7k 15k 10k 10 + 16 15 3 2 0.01 0.01 33k 1 + 4.7k 1.0 240 L1 1N4934 T1 47 + 50 25V Tip 32 Tip 32 All capacitors in μF Push-Pull Operation Tip 32A Gnd 7 910 13 4 E1 E2 O.C. D.T. RT CT 6 5 + - 150 11 8 47 12 VCC C1 C2 0.1 47k 1.0M 5.1k 5.1k 1.0mH @ 2.0A +Vin = 10V ~ 40V + + + +VO = 5.0V IO = 1.0A 50 10V 500 10V MR850 150 5.1k 16 15 14 1 2 3 + - Vref Comp 0.1 UTC TL594 47k 0.001 50 50V Single-Ended Operation |
Número de pieza similar - TL594-D16-T |
|
Descripción similar - TL594-D16-T |