Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74VCX16722 Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza 74VCX16722
Descripción Electrónicos  Low Voltage 22-Bit Register with 3.6V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX16722 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74VCX16722_05 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX16722_05 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX16722_05 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX16722_05 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX16722_05 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX16722_05 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX16722_05 Datasheet HTML 7Page - Fairchild Semiconductor 74VCX16722_05 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions (Note 4)
Note 2: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the Absolute Maximum Rat-
ings. The Recommended Operating Conditions tables will define the condi-
tions for actual device operation.
Note 3: IO Absolute Maximum Rating must be observed.
Note 4: Floating or unused pin (inputs or I/O's) must be held HIGH or LOW.
DC Electrical Characteristics (2.7V
< V
CC ≤ 3.6V)
Note 5: Outputs disabled or 3-STATE only.
Supply Voltage (VCC)
−0.5V to +4.6V
DC Input Voltage (VI)
−0.5V to +4.6V
Output Voltage (VO)
Outputs 3-STATE
−0.5V to +4.6V
Outputs Active (Note 3)
−0.5V to V
CC +
0.5V
DC Input Diode Current (IIK) VI < 0V
−50 mA
DC Output Diode Current (IOK)
VO < 0V
−50 mA
VO > VCC
+50 mA
DC Output Source/Sink Current
(IOH/IOL)
±50 mA
DC VCC or Ground Current per
Supply Pin (ICC or Ground)
±100 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Power Supply
Operating
1.65V to 3.6V
Data Retention Only
1.2V to 3.6V
Input Voltage
−0.3V to 3.6V
Output Voltage (VO)
Output in Active States
0V to VCC
Output in 3-STATE
0V to 3.6V
Output Current in IOH/IOL
VCC = 3.0V to 3.6V
±24 mA
VCC = 2.3V to 2.7V
±18 mA
VCC = 1.65V to 2.3V
±6 mA
Free Air Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate (
∆t/∆V)
VIN = 0.8V to 2.0V, VCC = 3.0V
10 ns/V
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
VIH
HIGH Level Input Voltage
2.7–3.6
2.0
V
VIL
LOW Level Input Voltage
2.7–3.6
0.8
V
VOH
HIGH Level Output Voltage
IOH = −100 µA2.7–3.6
VCC − 0.2
IOH = −12 mA
2.7
2.2
V
IOH = −18 mA
3.0
2.4
IOH = −24 mA
3.0
2.2
VOL
LOW Level Output Voltage
IOL = 100 µA2.7–3.6
0.2
IOL = 12 mA
2.7
0.4
V
IOL = 18 mA
3.0
0.4
IOL = 24 mA
3.0
0.55
II
Input Leakage Current
0V
≤ V
I ≤ 3.6V
2.7–3.6
±5.0
µA
IOZ
3-STATE Output Leakage
0V
≤ V
O ≤ 3.6V
2.7–3.6
±10
µA
VI = VIH or VIL
IOFF
Power Off Leakage Current
0V
≤ (V
I, VO) ≤ 3.6V
0
10
µA
ICC
Quiescent Supply Current
VI = VCC or GND
2.7–3.6
20
µA
VCC ≤ (VI, VO) ≤ 3.6V (Note 5)
±20
∆I
CC
Increase in ICC per Input
VIH = VCC − 0.6V
2.7–3.6
750
µA


Número de pieza similar - 74VCX16722_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VCX16722MTD FAIRCHILD-74VCX16722MTD Datasheet
83Kb / 8P
   Low Voltage 22-Bit Register with 3.6V Tolerant Inputs and Outputs
More results

Descripción similar - 74VCX16722_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VCX16722 FAIRCHILD-74VCX16722 Datasheet
83Kb / 8P
   Low Voltage 22-Bit Register with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCXR162652FT TOSHIBA-TC74VCXR162652FT Datasheet
478Kb / 13P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCXR162646FT TOSHIBA-TC74VCXR162646FT Datasheet
476Kb / 13P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX16838 FAIRCHILD-74VCX16838 Datasheet
78Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX16646FT TOSHIBA-TC74VCX16646FT Datasheet
477Kb / 14P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC16839 FAIRCHILD-74ALVC16839 Datasheet
81Kb / 6P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX16838 FAIRCHILD-74VCX16838_05 Datasheet
81Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX16839 FAIRCHILD-74VCX16839 Datasheet
74Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX16652FT TOSHIBA-TC74VCX16652FT Datasheet
492Kb / 14P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16245FT TOSHIBA-TC74VCX16245FT Datasheet
370Kb / 9P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com