Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD4053BCM Datasheet(PDF) 8 Page - Fairchild Semiconductor

No. de pieza CD4053BCM
Descripción Electrónicos  Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4053BCM Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button CD4053BCM Datasheet HTML 4Page - Fairchild Semiconductor CD4053BCM Datasheet HTML 5Page - Fairchild Semiconductor CD4053BCM Datasheet HTML 6Page - Fairchild Semiconductor CD4053BCM Datasheet HTML 7Page - Fairchild Semiconductor CD4053BCM Datasheet HTML 8Page - Fairchild Semiconductor CD4053BCM Datasheet HTML 9Page - Fairchild Semiconductor CD4053BCM Datasheet HTML 10Page - Fairchild Semiconductor CD4053BCM Datasheet HTML 11Page - Fairchild Semiconductor CD4053BCM Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.fairchildsemi.com
8
Special Considerations
In certain applications the external load-resistor current
may include both VDD and signal-line components. To
avoid drawing VDD current when switch current flows into
IN/OUT pin, the voltage drop across the bidirectional
switch must not exceed 0.6V at TA ≤ 25°C, or 0.4V at
TA > 25°C (calculated from RON values shown). No VDD
current will flow through RL if the switch current flows into
OUT/IN pin.
Typical Performance Characteristics
“ON” Resistance vs Signal
Voltage for TA = 25°C
“ON” Resistance as a
Function of Temperature for
VDD− VEE = 15V
“ON” Resistance as a
Function of Temperature for
VDD− VEE = 10V
“ON” Resistance as a
Function of Temperature for
VDD − VEE = 5V


Número de pieza similar - CD4053BCM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
CD4053BCM NSC-CD4053BCM Datasheet
189Kb / 10P
   Single 8-Channel, Dual 4-Channel, Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
Fairchild Semiconductor
CD4053BCM FAIRCHILD-CD4053BCM Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
CD4053BCM FAIRCHILD-CD4053BCM Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer
CD4053BCM FAIRCHILD-CD4053BCM Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
More results

Descripción similar - CD4053BCM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
TC74VHC4051AF TOSHIBA-TC74VHC4051AF_12 Datasheet
263Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer or Dual 4-Channel Analog Multiplexer/Demultiplexer or Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com