Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74VHCXXXXD Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza MC74VHCXXXXD
Descripción Electrónicos  Quad Analog Switch/Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCXXXXD Datasheet(HTML) 5 Page - ON Semiconductor

  MC74VHCXXXXD Datasheet HTML 1Page - ON Semiconductor MC74VHCXXXXD Datasheet HTML 2Page - ON Semiconductor MC74VHCXXXXD Datasheet HTML 3Page - ON Semiconductor MC74VHCXXXXD Datasheet HTML 4Page - ON Semiconductor MC74VHCXXXXD Datasheet HTML 5Page - ON Semiconductor MC74VHCXXXXD Datasheet HTML 6Page - ON Semiconductor MC74VHCXXXXD Datasheet HTML 7Page - ON Semiconductor MC74VHCXXXXD Datasheet HTML 8Page - ON Semiconductor MC74VHCXXXXD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
http://onsemi.com
5
ADDITIONAL APPLICATION CHARACTERISTICS (Voltages Referenced to GND Unless Noted)
Symbol
Parameter
Test Conditions
VCC
V
Limit*
25_C
74HC
Unit
BW
Maximum On−Channel Bandwidth or
Minimum Frequency Response
(Figure NO TAG)
fin = 1 MHz Sine Wave
Adjust fin Voltage to Obtain 0 dBm at VOS
Increase fin Frequency Until dB Meter Reads
– 3 dB
RL = 50 Ω, CL = 10 pF
4.5
9.0
12.0
150
160
160
MHz
Off−Channel Feedthrough Isolation
(Figure NO TAG)
fin  Sine Wave
Adjust fin Voltage to Obtain 0 dBm at VIS
fin = 10 kHz, RL = 600 Ω, CL = 50 pF
4.5
9.0
12.0
− 50
− 50
− 50
dB
fin = 1.0 MHz, RL = 50 Ω, CL = 10 pF
4.5
9.0
12.0
− 40
− 40
− 40
Feedthrough Noise, Control to
Switch
(Figure NO TAG)
Vin v 1 MHz Square Wave (tr = tf = 6 ns)
Adjust RL at Setup so that IS = 0 A
RL = 600 Ω, CL = 50 pF
4.5
9.0
12.0
60
130
200
mVPP
RL = 10 kΩ, CL = 10 pF
4.5
9.0
12.0
30
65
100
Crosstalk Between Any Two
Switches
(Figure 16)
fin  Sine Wave
Adjust fin Voltage to Obtain 0 dBm at VIS
fin = 10 kHz, RL = 600 Ω, CL = 50 pF
4.5
9.0
12.0
– 70
– 70
– 70
dB
fin = 1.0 MHz, RL = 50 Ω, CL = 10 pF
4.5
9.0
12.0
– 80
– 80
– 80
THD
Total Harmonic Distortion
(Figure 20)
fin = 1 kHz, RL = 10 kΩ, CL = 50 pF
THD = THDMeasured − THDSource
VIS = 4.0 VPP sine wave
VIS = 8.0 VPP sine wave
VIS = 11.0 VPP sine wave
4.5
9.0
12.0
0.10
0.06
0.04
%
*Guaranteed limits not tested. Determined by design and verified by qualification.
Figure 2. Typical On Resistance, VCC = 2.0 V
0
50
100
150
200
250
300
350
400
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
+25 _C
+125_C
−55_C
Vis, INPUT VOLTAGE (VOLTS), REFERENCED TO GROUND


Número de pieza similar - MC74VHCXXXXD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74VHCXXXDT ONSEMI-MC74VHCXXXDT Datasheet
178Kb / 8P
   Octal Bus Transceiver
March, 2006 ??Rev. 5
MC74VHCXXXDT ONSEMI-MC74VHCXXXDT Datasheet
180Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
March, 2006 ??Rev. 5
MC74VHCXXXDT ONSEMI-MC74VHCXXXDT Datasheet
206Kb / 8P
   Octal Bus Buffer Inverting
March, 2006 -- Rev. 3
MC74VHCXXXDT ONSEMI-MC74VHCXXXDT Datasheet
168Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
March, 2006 ??Rev. 5
MC74VHCXXXDW ONSEMI-MC74VHCXXXDW Datasheet
178Kb / 8P
   Octal Bus Transceiver
March, 2006 ??Rev. 5
More results

Descripción similar - MC74VHCXXXXD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74LVX4066 ONSEMI-MC74LVX4066_05 Datasheet
173Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
MC74LVXT4066 ONSEMI-MC74LVXT4066_05 Datasheet
172Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVXT8051 ONSEMI-MC74LVXT8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
MC74LVXT4051 ONSEMI-MC74LVXT4051_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4052 ONSEMI-MC74LVXT4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX8051 ONSEMI-MC74LVX8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
MC74LVXT4053 ONSEMI-MC74LVXT4053_05 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX4053 ONSEMI-MC74LVX4053_05 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVX4051 ONSEMI-MC74LVX4051_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com