Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC78T05ACT Datasheet(PDF) 8 Page - ON Semiconductor |
|
MC78T05ACT Datasheet(HTML) 8 Page - ON Semiconductor |
8 / 12 page MC78T00 Series http://onsemi.com 8 Figure 10. Dropout Voltage Figure 11. Peak Output Current 0 102030 40 0.8 0.6 0.4 0.2 0 −0.2 −0.4 −0.6 1.0 0.5 0 t, TIME ( ms) Vout = 5.0 V Iout = 150 mA CO = 0 TJ = 25°C 1.0 010 20 30 40 t, TIME ( ms) Vin = 10 V CO = 0 TJ = 25°C 0.3 0.2 0.1 0 −0.1 −0.2 −0.3 1.5 0.5 0 Figure 12. Line Transient Response Figure 13. Load Transient Response Figure 14. Maximum Average Power Dissipation for MC78T00CT, ACT TJ, JUNCTION TEMPERATURE (°C) 2.5 2.0 1.5 1.0 0.5 −90 −50 −10 30 70 110 150 190 Vin−VO, INPUT−OUTPUT VOLTAGE (Vdc) 8.0 6.0 4.0 2.0 0 0 1020 3040 TJ = 125°C TJ = 25°C TJ = 0°C TA, AMBIENT TEMPERATURE (°C) 40 30 20 10 0 25 50 75 100 125 Maximum Ambient Temperature Infinite Heatsink 1.3 °C/W 10.5 °C 6.3 °C/W 3.3 °C/W 2.4 °C/W qSA of Heatsinks Iout = 3.0 A Iout = 1.0 A Iout = 0.5 A DVO = 50 mV |
Número de pieza similar - MC78T05ACT |
|
Descripción similar - MC78T05ACT |