Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST72E311 Datasheet(PDF) 8 Page - STMicroelectronics |
|
ST72E311 Datasheet(HTML) 8 Page - STMicroelectronics |
8 / 101 page 8/101 ST72E311 ST72T311 Note 1: VPP on EPROM/OTP only. 19 14 PF6/ICAP1_A I/O Port F6 or Timer A Input Capture 1 20 15 PF7/EXTCLK_A I/O Port F7 or External Clock on Timer A 21 VDD_0 S Main power supply 22 VSS_0 S Ground 23 16 PC0/OCMP2_B I/O Port C0 or Timer B Output Compare 2 24 17 PC1/OCMP1_B I/O Port C1 or Timer B Output Compare 1 25 18 PC2/ICAP2_B I/O Port C2 or Timer B Input Capture 2 26 19 PC3/ICAP1_B I/O Port C3 or Timer B Input Capture 1 27 20 PC4/MISO I/O Port C4 or SPI Master In / Slave Out Data 28 21 PC5/MOSI I/O Port C5 or SPI Master Out / Slave In Data 29 22 PC6/SCK I/O Port C6 or SPI Serial Clock 30 23 PC7/SS I/O Port C7 or SPI Slave Select 31 24 PA3 I/O Port A3 External Interrupt: EI0 32 25 VDD_1 S Main power supply 33 26 VSS_1 S Ground 34 27 PA4 I/O Port A4 High Sink 35 28 PA5 I/O Port A5 High Sink 36 29 PA6 I/O Port A6 High Sink 37 30 PA7 I/O Port A7 High Sink 38 31 TEST/VPP 1) S Test mode pin. In the EPROM programming mode, this pin acts as the programming voltage input VPP. This pin must be tied low in user mode 39 32 RESET I/O Bidirectional. Active low. Top priority non maskable interrupt. 40 33 VSS_2 S Ground 41 34 OSCOUT O Input/Output Oscillator pin. These pins connect a parallel-resonant crystal, or an external source to the on-chip oscillator. 42 35 OSCIN I 43 36 VDD_2 S Main power supply 44 37 PE0/TDO I/O Port E0 or SCI Transmit Data Out Pin n° QFP44 Pin n° SDIP42 Pin Name Type Description Remarks 8 |
Número de pieza similar - ST72E311_01 |
|
Descripción similar - ST72E311_01 |