Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT24FC16 Datasheet(PDF) 6 Page - Catalyst Semiconductor

No. de pieza CAT24FC16
Descripción Electrónicos  16-kb I2C Serial EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC16 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT24FC16_05 Datasheet HTML 2Page - Catalyst Semiconductor CAT24FC16_05 Datasheet HTML 3Page - Catalyst Semiconductor CAT24FC16_05 Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC16_05 Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC16_05 Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC16_05 Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC16_05 Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC16_05 Datasheet HTML 9Page - Catalyst Semiconductor CAT24FC16_05 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Discontinued
Part
CAT24FC16
6
Doc. No. 1054, Rev. I
WRITE OPERATIONS
Byte Write
In the Byte Write mode, the Master device sends the
START condition and the slave address information
(with the R/
W bit set to zero) to the Slave device. After
the Slave generates an acknowledge, the Master sends
the byte address that is to be written into the address
pointer of the CAT24FC16. After receiving another
acknowledge from the Slave, the Master device transmits
the data byte to be written into the addressed memory
location. The CAT24FC16 acknowledges once more
and the Master generates the STOP condition, at which
time the device begins its internal programming to
nonvolatile memory. While this internal cycle is in
progress, the device will not respond to any request from
the Master device.
Page Write
The CAT24FC16 writes up to 16 bytes of data in a single
write cycle, using the Page Write operation. The Page
Write operation is initiated in the same manner as the
Byte Write operation, however instead of terminating
after the initial word is transmitted, the Master is allowed
to send up to 15 additional bytes. After each byte has
been transmitted the CAT24FC16 will respond with an
acknowledge, and internally increment the low order
address bits by one. The high order bits remain
unchanged.
If the Master transmits more than 16 bytes prior to
sending the STOP condition, the address counter ‘wraps
around’, and previously transmitted data will be
overwritten.
Once all 16 bytes are received and the STOP condition
has been sent by the Master, the internal programming
cycle begins. At this point all received data is written to
the CAT24FC16 in a single write cycle.
Acknowledge Polling
The disabling of the inputs can be used to take advantage
of the typical write cycle time. Once the stop condition
is issued to indicate the end of the host’s write operation,
the CAT24FC16 initiates the internal write cycle. ACK
polling can be initiated immediately.
This involves
issuing the start condition followed by the slave address
for a write operation. If the CAT24FC16 is still busy with
the write operation, no ACK will be returned. If the
CAT24FC16 has completed the write operation, an ACK
will be returned and the host can then proceed with the
next read or write operation.
WRITE PROTECTION
The CAT24FC16 is designed with a hardware protect
pin that enables the user to protect the entire memory.
The hardware protection feature of the CAT24FC16 is
designed into the part to provide added flexibility to the
design engineers. The write protection feature of
CAT24FC16 allows the user to protect against inadvertent
programming of the memory array. If the WP pin is tied
to Vcc, the entire memory array is protected and becomes
read only. The entire memory becomes write protected
regardless of whether the write protect register has been
written or not. When WP pin is tied to Vcc, the user
cannot program the write protect register. If the WP pin
is left floating or tied to Vss, the device can be written
into.
Figure 7. Page Write Timing
BYTE
ADDRESS
SLAVE
ADDRESS
S
DATA
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
BUS ACTIVITY:
MASTER
SDA LINE
DATA n+P
BYTE
ADDRESS (n)
A
C
K
A
C
K
DATA n
A
C
K
S
T
O
P
S
A
C
K
DATA n+1
A
C
K
S
T
A
R
T
P
SLAVE
ADDRESS
NOTE: IN THIS EXAMPLE n = XXXX 0000(B); X = 1 or 0
*
Figure 6. Byte Write Timing


Número de pieza similar - CAT24FC16_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24FC16JETE13REV-F CATALYST-CAT24FC16JETE13REV-F Datasheet
419Kb / 11P
   16-kb I2C Serial EEPROM
CAT24FC16JITE13REV-F CATALYST-CAT24FC16JITE13REV-F Datasheet
419Kb / 11P
   16-kb I2C Serial EEPROM
CAT24FC16LETE13REV-F CATALYST-CAT24FC16LETE13REV-F Datasheet
419Kb / 11P
   16-kb I2C Serial EEPROM
CAT24FC16LITE13REV-F CATALYST-CAT24FC16LITE13REV-F Datasheet
419Kb / 11P
   16-kb I2C Serial EEPROM
CAT24FC16PETE13REV-F CATALYST-CAT24FC16PETE13REV-F Datasheet
419Kb / 11P
   16-kb I2C Serial EEPROM
More results

Descripción similar - CAT24FC16_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24FC17 CATALYST-CAT24FC17 Datasheet
452Kb / 10P
   16-kb I2C Serial EEPROM
CAT24FC16 CATALYST-CAT24FC16 Datasheet
419Kb / 11P
   16-kb I2C Serial EEPROM
logo
ON Semiconductor
CAT24AA16 ONSEMI-CAT24AA16_18 Datasheet
211Kb / 11P
   EEPROM Serial 16-Kb I2C
May, 2018 ??Rev. 2
LE2416RDXA ONSEMI-LE2416RDXA Datasheet
343Kb / 17P
   16 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAT24AA16 ONSEMI-CAT24AA16 Datasheet
162Kb / 10P
   16-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 1
LE2416DXA ONSEMI-LE2416DXA Datasheet
295Kb / 17P
   16 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
logo
Catalyst Semiconductor
CAT24FC01 CATALYST-CAT24FC01 Datasheet
407Kb / 10P
   1-kb I2C Serial EEPROM
logo
ON Semiconductor
N24C64 ONSEMI-N24C64_18 Datasheet
213Kb / 14P
   EEPROM Serial 64-Kb I2C
May, 2018 ??Rev. 2
logo
Catalyst Semiconductor
CAT24FC01 CATALYST-CAT24FC01_05 Datasheet
628Kb / 10P
   1-kb I2C Serial EEPROM
logo
ON Semiconductor
CAT24C512 ONSEMI-CAT24C512_18 Datasheet
421Kb / 21P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com