Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT24FC16 Datasheet(PDF) 9 Page - Catalyst Semiconductor

No. de pieza CAT24FC16
Descripción Electrónicos  16-kb I2C Serial EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC16 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT24FC16_05 Datasheet HTML 3Page - Catalyst Semiconductor CAT24FC16_05 Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC16_05 Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC16_05 Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC16_05 Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC16_05 Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC16_05 Datasheet HTML 9Page - Catalyst Semiconductor CAT24FC16_05 Datasheet HTML 10Page - Catalyst Semiconductor CAT24FC16_05 Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Discontinued
Part
CAT24FC16
9
Doc No. 1054, Rev. I
ORDERING INFORMATION
Notes:
(1) The device used in the above example is a 24FC16JI-TE13 (SOIC, Industrial Temperature, 2.5 Volt to 5.5 Volt Operating Voltage, Tape & Reel)
Prefix
Device #
Suffix
24FC16
J
I
Product
Number
Package
CAT
Temperature Range
I = Indust ri
Optional
Company ID
E = Extended (-40
°C to +125°C)
P: PDIP
J: SOIC (JEDEC)
R: MSOP
U: TSSOP
RD4: TDFN
L: PDIP (Lead-free, Halogen-free)
W: SOIC (JEDEC), (Lead-free, Halogen-free)
Y: TSSOP (Lead-free, Halogen-free)
Z: MSOP (Lead-free, Halogen-free)
ZD4: TDFN (Lead-free, Halogen-free)
GL: PDIP (Lead-free, Halogen-free, NiPdAu lead plating)
GW: SOIC (JEDEC) (Lead-free, Halogen-free, NiPdAu lead plating)
GY: TSSOP (Lead-free, Halogen-free, NiPdAu lead plating)
GZ: MSOP (Lead-free, Halogen-free, NiPdAu lead plating)
GD4: TDFN (Lead-free, Halogen-free, NiPdAu lead plating)
TE13
Tape & Reel
REV-F
Die Revision


Número de pieza similar - CAT24FC16_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24FC16JETE13REV-F CATALYST-CAT24FC16JETE13REV-F Datasheet
419Kb / 11P
   16-kb I2C Serial EEPROM
CAT24FC16JITE13REV-F CATALYST-CAT24FC16JITE13REV-F Datasheet
419Kb / 11P
   16-kb I2C Serial EEPROM
CAT24FC16LETE13REV-F CATALYST-CAT24FC16LETE13REV-F Datasheet
419Kb / 11P
   16-kb I2C Serial EEPROM
CAT24FC16LITE13REV-F CATALYST-CAT24FC16LITE13REV-F Datasheet
419Kb / 11P
   16-kb I2C Serial EEPROM
CAT24FC16PETE13REV-F CATALYST-CAT24FC16PETE13REV-F Datasheet
419Kb / 11P
   16-kb I2C Serial EEPROM
More results

Descripción similar - CAT24FC16_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24FC17 CATALYST-CAT24FC17 Datasheet
452Kb / 10P
   16-kb I2C Serial EEPROM
CAT24FC16 CATALYST-CAT24FC16 Datasheet
419Kb / 11P
   16-kb I2C Serial EEPROM
logo
ON Semiconductor
CAT24AA16 ONSEMI-CAT24AA16_18 Datasheet
211Kb / 11P
   EEPROM Serial 16-Kb I2C
May, 2018 ??Rev. 2
LE2416RDXA ONSEMI-LE2416RDXA Datasheet
343Kb / 17P
   16 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAT24AA16 ONSEMI-CAT24AA16 Datasheet
162Kb / 10P
   16-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 1
LE2416DXA ONSEMI-LE2416DXA Datasheet
295Kb / 17P
   16 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
logo
Catalyst Semiconductor
CAT24FC01 CATALYST-CAT24FC01 Datasheet
407Kb / 10P
   1-kb I2C Serial EEPROM
logo
ON Semiconductor
N24C64 ONSEMI-N24C64_18 Datasheet
213Kb / 14P
   EEPROM Serial 64-Kb I2C
May, 2018 ??Rev. 2
logo
Catalyst Semiconductor
CAT24FC01 CATALYST-CAT24FC01_05 Datasheet
628Kb / 10P
   1-kb I2C Serial EEPROM
logo
ON Semiconductor
CAT24C512 ONSEMI-CAT24C512_18 Datasheet
421Kb / 21P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com