Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100LVE222 Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza MC100LVE222
Descripción Electrónicos  3.3 V/5.0 V ECL 1:15 Differential 첨1/첨2 Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVE222 Datasheet(HTML) 7 Page - ON Semiconductor

  MC100LVE222 Datasheet HTML 1Page - ON Semiconductor MC100LVE222 Datasheet HTML 2Page - ON Semiconductor MC100LVE222 Datasheet HTML 3Page - ON Semiconductor MC100LVE222 Datasheet HTML 4Page - ON Semiconductor MC100LVE222 Datasheet HTML 5Page - ON Semiconductor MC100LVE222 Datasheet HTML 6Page - ON Semiconductor MC100LVE222 Datasheet HTML 7Page - ON Semiconductor MC100LVE222 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC100LVE222
http://onsemi.com
7
PACKAGE DIMENSIONS
FA SUFFIX
LQFP PACKAGE
CASE 848D−03
ISSUE D
F
VIEW AA
AB
AB
VIEW Y
SECTION AB−AB
ROTATED 90
° CLOCKWISE
CL
−X−
X=L, M, N
1
13
14
26
27
39
40
52
4X 13 TIPS
4X
N
0.20 (0.008) H L−M
N
0.20 (0.008) T L−M
SEATING
PLANE
C
0.10 (0.004) T
4X
q3
4X
q2
S
0.05 (0.002)
0.25 (0.010)
GAGE PLANE
C2
C1
W
K
E
Z
S
L−M
M
0.13 (0.005)
N S
T
PLATING
BASE METAL
D
J
U
B
V
B1
A
S
V1
A1
S1
−L−
−N−
−M−
−H−
−T−
q1
q
G
3X
VIEW Y
VIEW AA
2X R
R1
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DATUM PLANE −H− IS LOCATED AT BOTTOM OF
LEAD AND IS COINCIDENT WITH THE LEAD
WHERE THE LEAD EXITS THE PLASTIC BODY AT
THE BOTTOM OF THE PARTING LINE.
4. DATUMS −L−, −M− AND −N− TO BE DETERMINED
AT DATUM PLANE −H−.
5. DIMENSIONS S AND V TO BE DETERMINED AT
SEATING PLANE −T−.
6. DIMENSIONS A AND B DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS
0.25 (0.010) PER SIDE. DIMENSIONS A AND B DO
INCLUDE MOLD MISMATCH AND ARE
DETERMINED AT DATUM PLANE -H-.
7. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. DAMBAR PROTRUSION SHALL
NOT CAUSE THE LEAD WIDTH TO EXCEED 0.46
(0.018). MINIMUM SPACE BETWEEN
PROTRUSION AND ADJACENT LEAD OR
PROTRUSION 0.07 (0.003).
DIM
A
MIN
MAX
MIN
MAX
INCHES
10.00 BSC
0.394 BSC
MILLIMETERS
A1
5.00 BSC
0.197 BSC
B
10.00 BSC
0.394 BSC
B1
5.00 BSC
0.197 BSC
C
−−−
1.70
−−−
0.067
C1
0.05
0.20
0.002
0.008
C2
1.30
1.50
0.051
0.059
D
0.20
0.40
0.008
0.016
E
0.45
0.030
F
0.22
0.35
0.009
0.014
G
0.65 BSC
0.75
0.018
0.026 BSC
J
0.07
0.20
0.003
0.008
K
0.50 REF
0.020 REF
R1
0.08
0.20
0.003
0.008
S
12.00 BSC
0.472 BSC
S1
6.00 BSC
0.236 BSC
U
0.09
0.16
0.004
0.006
V
12.00 BSC
0.472 BSC
V1
6.00 BSC
0.236 BSC
W
0.20 REF
0.008 REF
Z
1.00 REF
0.039 REF
θ1
θ
θ3
θ2
07
__
12
_
07
__
0
_
0
_
−−−
−−−
REF
12
_ REF
12
_ REF
12
_ REF


Número de pieza similar - MC100LVE222

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100LVE222 ONSEMI-MC100LVE222 Datasheet
174Kb / 8P
   Low Voltage 1:15 Differential 첨1첨2 ECL/PECL Clock Driver
February, 2000 ??Rev. 2
MC100LVE222FA ONSEMI-MC100LVE222FA Datasheet
174Kb / 8P
   Low Voltage 1:15 Differential 첨1첨2 ECL/PECL Clock Driver
February, 2000 ??Rev. 2
MC100LVE222FAR2 ONSEMI-MC100LVE222FAR2 Datasheet
174Kb / 8P
   Low Voltage 1:15 Differential 첨1첨2 ECL/PECL Clock Driver
February, 2000 ??Rev. 2
More results

Descripción similar - MC100LVE222

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NB100LVEP222 ONSEMI-NB100LVEP222 Datasheet
117Kb / 10P
   2.5 V/3.3 V 1:15 Differential ECL/PECL 첨1/첨2 Clock Driver
October, 2005??Rev. 9
logo
NXP Semiconductors
PCKEP14 PHILIPS-PCKEP14 Datasheet
351Kb / 15P
   2.5 V/3.3 V 1:5 differential ECL/PECL/HSTL clock driver
Rev. 01-30 October 2002
logo
ON Semiconductor
MC100LVEL37 ONSEMI-MC100LVEL37_06 Datasheet
116Kb / 6P
   3.3V ECL 1:4 첨1/첨2 Clock Fanout Buffer
November, 2006 ??Rev. 5
MC100LVEL37 ONSEMI-MC100LVEL37 Datasheet
72Kb / 3P
   1:4 첨1/첨2 ECL/PECL Clock Fanout Buffer
1997 REV 0
logo
Freescale Semiconductor...
MC100ES6014 FREESCALE-MC100ES6014 Datasheet
261Kb / 8P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
logo
Renesas Technology Corp
MC100ES6014 RENESAS-MC100ES6014 Datasheet
646Kb / 9P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
2019
logo
ON Semiconductor
MC100EP16VT ONSEMI-MC100EP16VT_16 Datasheet
198Kb / 12P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 5
logo
Integrated Device Techn...
ICS87421I IDT-ICS87421I Datasheet
260Kb / 14P
   첨1/첨2 DIFFERENTIAL-TO-LVDS CLOCK GENERATOR
logo
ON Semiconductor
MC100EP16VB ONSEMI-MC100EP16VB_16 Datasheet
169Kb / 8P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 8
MC100EP16VC ONSEMI-MC100EP16VC_16 Datasheet
187Kb / 10P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com