Nombre de pieza
         Descripción
MC100LVEL17_06

 3.3V ECL Quad Differential Receiver ( 6 Page)


ONSEMI
100% 
Zoom Out Zoom In
   
 4 page
background image
MC100LVEL17
http://onsemi.com
4
Table 5. LVNECL DC CHARACTERISTICS VCC = 0.0 V; VEE = −3.3 V (Note 5)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
26
31
26
31
27
33
mA
VOH
Output HIGH Voltage (Note 6)
−1085 −1005
−880
−1025
−955
−880
−1025
−955
−880
mV
VOL
Output LOW Voltage (Note 6)
−1830 −1695 −1555 −1810 −1705 −1620 −1810 −1705 −1620
mV
VIH
Input HIGH Voltage (Single−Ended)
−1165
−880
−1165
−880
−1165
−880
mV
VIL
Input LOW Voltage (Single−Ended)
−1810
−1475 −1810
−1475 −1810
−1475
mV
VBB
Output Voltage Reference
−1.38
−1.26
−1.38
−1.26
−1.38
−1.26
V
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 7)
Vpp < 500 mV
Vpp y 500 mV
−2.0
−1.8
−0.4
−0.4
−2.1
−1.9
−0.4
−0.4
−2.1
−1.9
−0.4
−0.4
V
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
Dn
Dn
0.5
−300
0.5
−300
0.5
−300
mA
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
5. Input and output parameters vary 1:1 with VCC. VEE can vary ±0.3 V.
6. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
7. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal.
Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1 V.
Table 6. AC CHARACTERISTICS VCC = 3.3 V; VEE = 0.0 V or VCC = 0.0 V; VEE = −3.3 V (Note 8)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Toggle Frequency
1.75
GHz
tPLH
tPHL
Propagation Delay
Diff
D to Q
S.E.
330
280
530
580
350
300
550
600
360
310
560
610
ps
tSKEW
Skew
Output−to−Output (Note 9)
Part−to−Part (Diff) (Note 9)
Duty Cycle (Diff) (Note 10)
75
200
25
75
200
25
75
200
25
ps
tJITTER
Random Clock Jitter (RMS)
0.7
ps
VPP
Input Swing (Note 11)
150
1000
150
1000
150
1000
mV
tr
tf
Output Rise/Fall Times Q
(20% − 80%)
280
550
280
550
280
550
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
8. VEE can vary ±0.3 V.
9. Skews are valid across specified voltage range, part−to−part skew is for a given temperature.
10.Duty cycle skew is the difference between a tPLH and tPHL propagation delay through a device.
11. VPP(min) is minimum input swing for which AC parameters guaranteed. The device has a DC gain of ≈ 40.
1  2  3  4  5  6 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MC10EP105_063.3V / 5V ECL Quad 2−Input Differential AND/NAND 1 2 3 4 5 MoreON Semiconductor
MC100EL17_065V ECL Quad Differential Receiver 1 2 3 4 5 MoreON Semiconductor
MC10EP173.3V / 5V ECL Quad Differential Driver/Receiver 1 2 3 4 5 MoreON Semiconductor
MC100LVEL16_063.3V ECL Differential Receiver 1 2 3 4 5 MoreON Semiconductor
MC10EP17_063.3V / 5V ECL Quad Differential Driver/Receiver 1 2 3 4 5 MoreON Semiconductor
MC10EP05_063.3V / 5V ECL 2−Input Differential AND/NAND 1 2 3 4 5 MoreON Semiconductor
MC10EP56_063.3V / 5V ECL Dual Differential 2:1 Multiplexer 1 2 3 4 5 MoreON Semiconductor
MC100EP16VT3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing and Internal Input Termination 1 2 3 4 5 MoreON Semiconductor
MC100LVE310_063.3V ECL 2:8 Differential Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
MC10EP113.3V / 5V ECL 1:2 Differential Fanout Buffer 1 2 3 4 5 MoreON Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl