Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CAT25C17RATE13 Datasheet(PDF) 7 Page - Catalyst Semiconductor |
|
CAT25C17RATE13 Datasheet(HTML) 7 Page - Catalyst Semiconductor |
7 / 12 page Discontinued Parts 7 CAT25C11/03/05/09/17 Doc. No. 1017, Rev. L © 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice Figure 4. Read Instruction Timing After the correct read instruction and address are sent, the data stored in the memory at the selected address is shifted out on the SO pin. The data stored in the memory at the next address can be read sequentially by continuing to provide clock pulses. The internal address pointer is automatically incremented to the next higher address after each byte of data is shifted out. When the highest address is reached, the address counter rolls over to 0000h allowing the read cycle to be continued indefinitely. The read operation is terminated by pulling the CS high. Read sequece is illustrated in Figure 4. Reading status register is illustrated in Figure 5. To read the status register, RDSR instruction should be sent. The contents of the status register are shifted out on the SO line. If a non-volatile write is in progress, the RDSR instruction returns a high on SO. When the non-volatile write cycle is completed, the status register data is read out. WRITE Sequence The CAT25C11/03/05/09/17 powers up in a Write Dis- able state. Prior to any write instructions, the WREN instruction must be sent to CAT25C11/03/05/09/17. The device goes into Write enable state by pulling the CS low and then clocking the WREN instruction into CAT25C11/03/05/09/17. The CS must be brought high SK SI SO 0000 X* 01 1 BYTE ADDRESS* 0123456789 10 20 21 22 23 24 25 26 27 28 29 30 7 6 5 4 3 2 1 0 *Please check the Byte Address Table. CS OPCODE DATA OUT MSB HIGH IMPEDANCE ** AN A0 *X = 0 for CAT25C11, CAT25C03, CAT25C09 and CAT25C17; X = A8 for CAT25C05. Note: Dashed Line= mode (1, 1) – – – – and the WPEN bit) and the block protected sections in the memory array when the chip is hardware write protected. Only the sections of the memory array that are not block protected can be written. Hardware write protection is disabled when either WP pin is high or the WPEN bit is zero. DEVICE OPERATION Write Enable and Disable The CAT25C11/03/05/09/17 contains a write enable latch. This latch must be set before any write operation. The device powers up in a write disable state when Vcc is applied. WREN instruction will enable writes (set the latch) to the device. WRDI instruction will disable writes (reset the latch) to the device. Disabling writes will protect the device against inadvertent writes. READ Sequence The part is selected by pulling CS low. The 8-bit read instruction is transmitted to the CAT25C11/03/05/09/17, followed by the 16-bit address for 25C09/17 (only 10-bit addresses are used for 25C09, 11-bit addresses are used for 25C17. The rest of the bits are don't care bits) and 8-bit address for 25C11/03/05 (for the 25C05, bit 3 of the read data instruction contains address A8). |
Número de pieza similar - CAT25C17RATE13 |
|
Descripción similar - CAT25C17RATE13 |