Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CAT25C256XI-1.8T3 Datasheet(PDF) 2 Page - Catalyst Semiconductor |
|
CAT25C256XI-1.8T3 Datasheet(HTML) 2 Page - Catalyst Semiconductor |
2 / 12 page CAT25C128/256 2 Document No. 1018, Rev. I ABSOLUTE MAXIMUM RATINGS* Temperature Under Bias ................. –55 °C to +125°C Storage Temperature ....................... –65 °C to +150°C Voltage on any Pin with Respect to VSS1) ................... –2.0V to +VCC +2.0V VCC with Respect to VSS ................................ –2.0V to +7.0V Package Power Dissipation Capability (Ta = 25 °C)................................... 1.0W Lead Soldering Temperature (10 secs) ............ 300 °C Output Short Circuit Current(2) ........................ 100 mA *COMMENT Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability. RELIABILITY CHARACTERISTICS Symbol Parameter Min. Max. Units NEND(3) Endurance 100,000 Cycles/Byte TDR(3) Data Retention 100 Years VZAP(3) ESD Susceptibility 2000 Volts ILTH(3)(4) Latch-Up 100 mA D.C. OPERATING CHARACTERISTICS VCC = +1.8V to +5.5V, unless otherwise specified. Limits Symbol Parameter Min. Typ. Max. Units Test Conditions ICC1 Power Supply Current 10 mA VCC = 5V @ 5MHz (Operating Write) SO=open; CS=Vss ICC2 Power Supply Current 2 mA VCC = 5.0V (Operating Read) FCLK = 5MHz ISB(5) Power Supply Current 1 µA CS = VCC (Standby) VIN = VSS or VCC ILI Input Leakage Current 2 µA ILO Output Leakage Current 3 µAVOUT = 0V to VCC, CS = 0V VIL(3) Input Low Voltage -1 VCC x 0.3 V VIH(3) Input High Voltage VCC x 0.7 VCC + 0.5 V VOL1 Output Low Voltage 0.4 V VOH1 Output High Voltage VCC - 0.8 V VOL2 Output Low Voltage 0.2 V 1.8V ≤VCC<2.7V VOH2 Output High Voltage VCC-0.2 V IOL = 150 µA IOH = -100 µA Note: (1) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns. Maximum DC voltage on output pins is VCC +0.5V, which may overshoot to VCC +2.0V for periods of less than 20 ns. (2) Output shorted for no more than one second. No more than one output shorted at a time. (3) This parameter is tested initially and after a design or process change that affects the parameter according to appropriate AEC-Q100 and JEDEC test methods. (4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1V to VCC +1V. (5) Maximum standby current (ISB ) = 10µA for the Automotive and Extended Automotive temperature range. 4.5V ≤VCC<5.5V IOL = 3.0mA IOH = -1.6mA |
Número de pieza similar - CAT25C256XI-1.8T3 |
|
Descripción similar - CAT25C256XI-1.8T3 |