Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT25C33SSATE13 Datasheet(PDF) 10 Page - Catalyst Semiconductor

No. de pieza CAT25C33SSATE13
Descripción Electrónicos  32K/64K-Bit SPI Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C33SSATE13 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT25C33SSATE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C33SSATE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C33SSATE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C33SSATE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C33SSATE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C33SSATE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C33SSATE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C33SSATE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT25C33SSATE13 Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Discontinued
Parts
10
CAT25C33/65
Doc. No. 1000, Rev. H
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Notes:
(1) The device used in the above example is a 25C65SI-1.8TE13 (SOIC, Industrial Temperature, 1.8 Volt to 6 Volt Operating Voltage,
Tape & Reel)
ORDERING INFORMATION
Prefix
Device #
Suffix
25C65
S
I
TE13
Product
Number
25C33: 32K
25C65: 64K
Tape & Reel
Operating Voltage
Blank = 2.5 to 6.0V
1.8 = 1.8 to 6.0V
-1.8
CAT
Temperature Range
Optional
Company ID
Package
P: PDIP
S: SOIC
U14: 14-pin TSSOP
L: PDIP (Lead free, Halogen free)
V: SOIC (Lead free, Halogen free)
Y14: 14-pin TSSOP (Lead free, Halogen free)
GL: PDIP (Lead-free, Halogen-free, NiPdAu lead plating)
GV: SOIC, JEDEC (Lead-free, Halogen-free, NiPdAu lead plating)


Número de pieza similar - CAT25C33SSATE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT25C33SA-1.8TE13 CATALYST-CAT25C33SA-1.8TE13 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33SA-TE13 CATALYST-CAT25C33SA-TE13 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33SE-1.8TE13 CATALYST-CAT25C33SE-1.8TE13 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33SE-TE13 CATALYST-CAT25C33SE-TE13 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33SI-1.8TE13 CATALYST-CAT25C33SI-1.8TE13 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
More results

Descripción similar - CAT25C33SSATE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT25C32 CATALYST-CAT25C32_04 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C64 CATALYST-CAT25C64_06 Datasheet
413Kb / 16P
   64K-Bit SPI Serial CMOS EEPROM
CAT25C32 CATALYST-CAT25C32 Datasheet
91Kb / 9P
   32K/64K-Bit SPI Serial CMOS E2PROM
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
logo
Samsung semiconductor
S524LB0X91 SAMSUNG-S524LB0X91 Datasheet
145Kb / 20P
   32K/64K-bit Serial EEPROM
logo
Fairchild Semiconductor
FM25C640U FAIRCHILD-FM25C640U Datasheet
102Kb / 11P
   64K-Bit SPI??Interface Serial CMOS EEPROM
logo
E-CMOS Corporation
EC24C32A E-CMOS-EC24C32A Datasheet
541Kb / 17P
   32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com