Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT1163LI-25-GT2 Datasheet(PDF) 4 Page - Catalyst Semiconductor

No. de pieza CAT1163LI-25-GT2
Descripción Electrónicos  Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1163LI-25-GT2 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT1163LI-25-GT2 Datasheet HTML 1Page - Catalyst Semiconductor CAT1163LI-25-GT2 Datasheet HTML 2Page - Catalyst Semiconductor CAT1163LI-25-GT2 Datasheet HTML 3Page - Catalyst Semiconductor CAT1163LI-25-GT2 Datasheet HTML 4Page - Catalyst Semiconductor CAT1163LI-25-GT2 Datasheet HTML 5Page - Catalyst Semiconductor CAT1163LI-25-GT2 Datasheet HTML 6Page - Catalyst Semiconductor CAT1163LI-25-GT2 Datasheet HTML 7Page - Catalyst Semiconductor CAT1163LI-25-GT2 Datasheet HTML 8Page - Catalyst Semiconductor CAT1163LI-25-GT2 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CAT1163
Doc. No. 3003 Rev. E
4
© 2007 Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
WRITE CYCLE LIMITS
Symbol
Parameter
Min
Typ
Max
Units
tWR
Write Cycle Time
10
ms
The write cycle time is the time from a valid stop condition of a write sequence to the end of the internal
program/erase cycle. During the write cycle, the bus interface circuits are disabled, SDA is allowed to remain
high, and the device does not respond to its slave address.
RESET CIRCUIT CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Units
tGLITCH
Glitch Reject Pulse Width
100
ns
VRT
Reset Threshold Hystersis
15
mV
VOLRS
Reset Output Low Voltage (IOLRS=1mA)
0.4
V
VOHRS
Reset Output High Voltage
VCC - 0.75
V
Reset Threshold (VCC=5V)
(CAT1163-45)
4.50
4.75
Reset Threshold (VCC=5V)
(CAT1163-42)
4.25
4.50
Reset Threshold (VCC=3.3V)
(CAT1163-30)
3.00
3.15
Reset Threshold (VCC=3.3V)
(CAT1163-28)
2.85
3.00
VTH
Reset Threshold (VCC=3V)
(CAT1163-25)
2.55
2.70
V
tPURST
Power-Up Reset Timeout
130
270
ms
tWP
Watchdog Period
1.6
sec
tRPD
VTH to RESET Output Delay
5
µs
VRVALID
RESET Output Valid
1
V


Número de pieza similar - CAT1163LI-25-GT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT1163LI-25-G CATALYST-CAT1163LI-25-G Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1163LI-25-G ONSEMI-CAT1163LI-25-G Datasheet
239Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3003 Rev. I
CAT1163LI-25-G ONSEMI-CAT1163LI-25-G Datasheet
143Kb / 12P
   Supervisory Circuits with Supervisory Circuits with
November, 2011 ??Rev. 10
More results

Descripción similar - CAT1163LI-25-GT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1163 ONSEMI-CAT1163 Datasheet
239Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3003 Rev. I
logo
Catalyst Semiconductor
CAT1161_0711 CATALYST-CAT1161_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161JI-30 ONSEMI-CAT1161JI-30 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT1163 CATALYST-CAT1163 Datasheet
69Kb / 12P
   Supervisory Circuit with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
logo
ON Semiconductor
CAT1161JI-28 ONSEMI-CAT1161JI-28 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)null
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com