Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT24WC6633LA-1.8T2C Datasheet(PDF) 3 Page - Catalyst Semiconductor

No. de pieza CAT24WC6633LA-1.8T2C
Descripción Electrónicos  64K-bit I2C Serial EEPROM with Partial Array Write Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC6633LA-1.8T2C Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT24WC6633LA-1.8T2C Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC6633LA-1.8T2C Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC6633LA-1.8T2C Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC6633LA-1.8T2C Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC6633LA-1.8T2C Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC6633LA-1.8T2C Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC6633LA-1.8T2C Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC6633LA-1.8T2C Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC6633LA-1.8T2C Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CAT24WC66
© 2006 Catalyst Semiconductor, Inc.
3
Doc. No. 1037 Rev. J
Characteristics subject to change without notice
AC CHARACTERISTICS
VCC = 1.8V to 5.5V, unless otherwise specified. Output Load is 1TTL Gate and 100pF.
Memory Read & Write Cycle Limits
1.8V - 2.5V
4.5V - 5.5V
Units
Symbol
Parameter
Min
Max
Min
Max
FSCL
Clock Frequency
100
400
kHz
TI
(1)
Noise Suppression Time Constant at
SCL, SDA Inputs
200
200
ns
tAA
SCL Low to SDA Data Out and ACK Out
3.5
1
µs
tBUF
(1)
Time the Bus Must be Free Before a
New Transmission Can Start
4.7
1.2
µs
tHD:STA
Start Condition Hold Time
4
0.6
µs
tLOW
Clock Low Period
4.7
1.2
µs
tHIGH
Clock High Period
4
0.6
µs
tSU:STA
Start Condition Setup Time
(for a Repeated Start Condition)
4.7
0.6
µs
tHD:DAT
Data In Hold Time
0
0
ns
tSU:DAT
Data In Setup Time
50
50
ns
tR
(1)
SDA and SCL Rise Time
1
0.3
µs
tF
(1)
SDA and SCL Fall Time
300
300
ns
tSU:STO
Stop Condition Setup Time
4
0.6
µs
tDH
Data Out Hold Time
100
100
ns
Power-Up Timing
(1) (2)
Symbol
Parameter
Min
Typ
Max
Units
tPUR
Power-Up to Read Operation
1
ms
tPUW
Power-Up to Write Operation
1
ms
Notes:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
Write Cycle Limits
Symbol
Parameter
Min
Typ
Max
Units
tWR
Write Cycle Time
10
ms
The write cycle time is the time from a valid stop
condition of a write sequence to the end of the internal
program/erase cycle. During the write cycle, the bus
interface circuits are disabled, SDA is allowed to
remain high, and the device does not respond to its
slave address.


Número de pieza similar - CAT24WC6633LA-1.8T2C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT24WC66 ONSEMI-CAT24WC66 Datasheet
147Kb / 11P
   64-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 10
logo
Catalyst Semiconductor
CAT24WC66JA-1.8TE13 CATALYST-CAT24WC66JA-1.8TE13 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC66JA-TE13 CATALYST-CAT24WC66JA-TE13 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC66JE-1.8TE13 CATALYST-CAT24WC66JE-1.8TE13 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
More results

Descripción similar - CAT24WC6633LA-1.8T2C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24FC65 CATALYST-CAT24FC65 Datasheet
446Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24WC66 ONSEMI-CAT24WC66 Datasheet
147Kb / 11P
   64-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 10
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03_05 Datasheet
362Kb / 14P
   2K/4K-Bit Serial EEPROM with Partial Array Write Protection
CAT24C03 CATALYST-CAT24C03 Datasheet
401Kb / 20P
   2-Kb I2C CMOS Serial EEPROM with Partial Array Write Protection
CAT24C03 CATALYST-CAT24C03_06 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
Microchip Technology
24AA64FT-I MICROCHIP-24AA64FT-I Datasheet
492Kb / 30P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
24AA64F MICROCHIP-24AA64F_13 Datasheet
705Kb / 36P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
11/29/11
24AA64F MICROCHIP-24AA64F Datasheet
492Kb / 30P
   64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
logo
ON Semiconductor
CAT24C03 ONSEMI-CAT24C03 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24C05 CATALYST-CAT24C05 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com