Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT25C256LA-GT2 Datasheet(PDF) 9 Page - Catalyst Semiconductor

No. de pieza CAT25C256LA-GT2
Descripción Electrónicos  128K/256K-Bit SPI Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C256LA-GT2 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT25C256LA-GT2 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C256LA-GT2 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C256LA-GT2 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C256LA-GT2 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C256LA-GT2 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C256LA-GT2 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C256LA-GT2 Datasheet HTML 10Page - Catalyst Semiconductor CAT25C256LA-GT2 Datasheet HTML 11Page - Catalyst Semiconductor CAT25C256LA-GT2 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
CAT25C128/256
Document No. 1018, Rev. I
address counter reaches the end of the page and clock
continues, the counter will “roll over” to the first address
of the page and overwrite any data that may have been
written. The CAT25C128/256 is automatically returned
to the write disable state at the completion of the write
cycle. Figure 8 illustrates the page write sequence.
To write to the status register, the WRSR instruction
should be sent. Only Bit 2, Bit 3 and Bit 7 of the status
register can be written using the WRSR instruction.
Figure 7 illustrates the sequence of writing to status
register.
The Status Register can be read to determine if the write
cycle is still in progress. If Bit 0 of the Status Register is
set at 1, write cycle is in progress. If Bit 0 is set at 0, the
device is ready for the next instruction.
Page Write
The CAT25C128/256 features page write capability.
After the first initial byte the host may continue to write
up to 64 bytes of data to the CAT25C128/256. After
each byte of data is received, six lower order address
bits are internally incremented by one; the high order
bits of address will remain constant. The only restriction
is that the 64 bytes must reside on the same page. If the
SK
SI
SO
0
0
0
0
0
0
1
0
ADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
012345678
21
22
23
24
25
26
27
28
29
30
3
CS
OPCODE
DATA IN
HIGH IMPEDANCE
Note: Dashed Line= mode (1, 1) — ———
Figure 6. Write Instruction Timing
Figure 7. WRSR Timing
0
1
2
345
67
8
10
911
12
13
14
SCK
SI
MSB
HIGH IMPEDANCE
DATA IN
15
SO
CS
7
6
5
4
3
2
10
00
0
00
0
0
1
OPCODE
Note: Dashed Line= mode (1, 1) — ———
Figure 8. Page Write Instruction Timing
SK
SI
SO
0
0
0
0
0
0
1
0
ADDRESS
Data
Byte 1
012345678
21
22
23 24-31
32-39
Data
Byte 2
Data
Byte 3
Data Byte N
CS
OPCODE
7..1
0
24+(N-1)x8-1..24+(N-1)x8 24+Nx8-1
DATA IN
HIGH IMPEDANCE
Note: Dashed Line= mode (1, 1) — ———


Número de pieza similar - CAT25C256LA-GT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT25C256 CATALYST-CAT25C256 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C256K-1.8TE13 CATALYST-CAT25C256K-1.8TE13 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C256K-TE13 CATALYST-CAT25C256K-TE13 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C256KA-1.8TE13 CATALYST-CAT25C256KA-1.8TE13 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C256KA-TE13 CATALYST-CAT25C256KA-TE13 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
More results

Descripción similar - CAT25C256LA-GT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT25C128 CATALYST-CAT25C128 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
logo
E-CMOS Corporation
EC24C128A E-CMOS-EC24C128A Datasheet
583Kb / 16P
   128K/256K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Integrated Silicon Solu...
IS24L128 ISSI-IS24L128 Datasheet
117Kb / 15P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128A ISSI-IS24C128A Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
logo
Catalyst Semiconductor
CAT24WC129 CATALYST-CAT24WC129_04 Datasheet
585Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256 Datasheet
421Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC256 CATALYST-CAT24WC256 Datasheet
406Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
logo
Samsung semiconductor
S524AD0XD1 SAMSUNG-S524AD0XD1 Datasheet
123Kb / 16P
   128K/256K-bit Serial EEPROM for Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com