Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC10195 Datasheet(PDF) 2 Page - ON Semiconductor |
|
MC10195 Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 4 page MC10195 http://onsemi.com 2 ELECTRICAL CHARACTERISTICS Test Limits Pin Under –30 °C +25 °C +85 °C Characteristic Symbol Under Test Min Max Min Typ Max Min Max Unit Power Supply Drain Current IE 8 54 39 49 54 mAdc Input Current IinH 5 9 425 460 265 290 265 290 µAdc IinL 5 0.5 0.5 0.3 µAdc Output Voltage Logic 1 VOH 2 –1.060 –0.890 –0.960 –0.810 –0.890 –0.700 Vdc Output Voltage Logic 0 VOL 2 –1.890 –1.675 –1.850 –1.650 –1.825 –1.615 Vdc Threshold Voltage Logic 1 VOHA 2 –1.080 –0.980 –0.910 Vdc Threshold Voltage Logic 0 VOLA 2 –1.655 –1.630 –1.595 Vdc Switching Times (50 Ω Load) ns Propagation Delay t5+2– t7–4+ t10+13+ t11–14– t9–14– 2 4 13 14 14 1.1 1.1 1.1 1.1 1.1 4.2 4.2 4.2 4.2 5.2 1.1 1.1 1.1 1.1 1.1 2.8 2.8 2.8 2.8 3.8 4.0 4.0 4.0 4.0 5.0 1.1 1.1 1.1 1.1 1.1 4.4 4.4 4.4 4.4 5.4 Rise Time (20 to 80%) t2+ 2 1.1 4.7 1.1 2.5 4.5 1.1 5.0 Fall Time (20 to 80%) t2– 2 1.1 4.7 1.1 2.5 4.5 1.1 5.0 ELECTRICAL CHARACTERISTICS (continued) TEST VOLTAGE VALUES (Volts) @ Test Temperature VIHmax VILmin VIHAmin VILAmax VEE –30 °C –0.890 –1.890 –1.205 –1.500 –5.2 +25 °C –0.810 –1.850 –1.105 –1.475 –5.2 +85 °C –0.700 –1.825 –1.035 –1.440 –5.2 Pin Under TEST VOLTAGE APPLIED TO PINS LISTED BELOW (V ) Characteristic Symbol Under Test VIHmax VILmin VIHAmin VILAmax VEE (VCC) Gnd Power Supply Drain Current IE 8 8 1, 16 Input Current IinH 5 9 5 9 8 8 1, 16 1, 16 IinL 5 5 8 1, 16 Output Voltage Logic 1 VOH 2 8 1, 16 Output Voltage Logic 0 VOL 2 9 8 1, 16 Threshold Voltage Logic 1 VOHA 2 5 8 1, 16 Threshold Voltage Logic 0 VOLA 2 5 8 1, 16 Switching Times (50 Ω Load) Pulse In Pulse Out –3.2 V +2.0 V Propagation Delay t5+2– t7–4+ t10+13+ t11–14– t9–14– 2 4 13 14 14 5 7 10 11 9 2 4 13 14 14 8 8 8 8 8 1, 16 1, 16 1, 16 1, 16 1, 16 Rise Time (20 to 80%) t2+ 2 5 2 8 1, 16 Fall Time (20 to 80%) t2– 2 5 2 8 1, 16 Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained. Outputs are terminated through a 50–ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the same manner. |
Número de pieza similar - MC10195 |
|
Descripción similar - MC10195 |