Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC14015BDR2 Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza MC14015BDR2
Descripción Electrónicos  4?묪it Full Adder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14015BDR2 Datasheet(HTML) 6 Page - ON Semiconductor

  MC14015BDR2 Datasheet HTML 1Page - ON Semiconductor MC14015BDR2 Datasheet HTML 2Page - ON Semiconductor MC14015BDR2 Datasheet HTML 3Page - ON Semiconductor MC14015BDR2 Datasheet HTML 4Page - ON Semiconductor MC14015BDR2 Datasheet HTML 5Page - ON Semiconductor MC14015BDR2 Datasheet HTML 6Page - ON Semiconductor MC14015BDR2 Datasheet HTML 7Page - ON Semiconductor MC14015BDR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC14008B
http://onsemi.com
6
Figure 5. Logic Diagram
Cin
A1
B1
A2
B2
A3
B3
A4
B4
S1
S2
S3
S4
Cout
Figure 6. Using the MC14008B in a 16−Bit Adder Configuration
WORD A + B INPUTS
A1
B4
A1
B4
A1
B4
A1
B4
S1
S4
S1
S4
S1
S4
S1
S4
Cin
Cin
Cin
Cin
Cout
Cout
Cout
Cout
CHIP
1
CHIP
2
CHIP
3
CHIP
4
SUM OUTPUTS
Calculation of 16−bit adder speed:
tP total = tP (Sum to Carry) + tP (Carry to Sum) + 2 tP (Carry to Carry)
The guaranteed 16−bit adder speed at 10 V, 25
°C, CL = 50 pF is:
tp total = 290 + 310 + 300 = 900 ns
TYPICAL APPLICATION


Número de pieza similar - MC14015BDR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14015BDR2 ONSEMI-MC14015BDR2 Datasheet
251Kb / 12P
   Dual 4-Bit Static Shift Register
March, 2000 ??Rev. 3
MC14015BDR2G ONSEMI-MC14015BDR2G Datasheet
111Kb / 8P
   Dual 4-Bit Static Shift Register
July, 2014 ??Rev. 9
More results

Descripción similar - MC14015BDR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14008BCPG ONSEMI-MC14008BCPG Datasheet
135Kb / 8P
   4-Bit Full Adder
April, 2013 ??Rev. 7
logo
National Semiconductor ...
CD4008BM NSC-CD4008BM Datasheet
124Kb / 6P
   4-Bit Full Adder
logo
Motorola, Inc
MC14008B MOTOROLA-MC14008B Datasheet
255Kb / 8P
   4-Bit Full Adder
logo
Hitachi Semiconductor
HD14008B HITACHI-HD14008B Datasheet
69Kb / 5P
   4-bit Full Adder
logo
ON Semiconductor
MC14008B ONSEMI-MC14008B_14 Datasheet
109Kb / 7P
   4-Bit Full Adder
July, 2014 ??Rev. 8
MC14008B ONSEMI-MC14008B Datasheet
225Kb / 8P
   4-Bit Full Adder
March, 2000 ??Rev. 3
MC10H180 ONSEMI-MC10H180_06 Datasheet
142Kb / 5P
   Dual 2?묪it Adder/Subtractor
February, 2006 ??Rev. 7
logo
Fairchild Semiconductor
7483A FAIRCHILD-7483A Datasheet
135Kb / 3P
   4-BIT BINARY FULL ADDER
logo
STMicroelectronics
M54HC283 STMICROELECTRONICS-M54HC283 Datasheet
247Kb / 10P
   4 BIT BINARY FULL ADDER
logo
Fairchild Semiconductor
4008B FAIRCHILD-4008B Datasheet
96Kb / 2P
   4-BIT BINARY FULL ADDER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com