Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC14051B Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC14051B
Descripción Electrónicos  Analog Multiplexers/Demultiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14051B Datasheet(HTML) 1 Page - ON Semiconductor

  MC14051B Datasheet HTML 1Page - ON Semiconductor MC14051B Datasheet HTML 2Page - ON Semiconductor MC14051B Datasheet HTML 3Page - ON Semiconductor MC14051B Datasheet HTML 4Page - ON Semiconductor MC14051B Datasheet HTML 5Page - ON Semiconductor MC14051B Datasheet HTML 6Page - ON Semiconductor MC14051B Datasheet HTML 7Page - ON Semiconductor MC14051B Datasheet HTML 8Page - ON Semiconductor MC14051B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2006
December, 2006 − Rev. 10
1
Publication Order Number:
MC14051B/D
MC14051B, MC14052B,
MC14053B
Analog
Multiplexers/Demultiplexers
The MC14051B, MC14052B, and MC14053B analog multiplexers
are digitally−controlled analog switches. The MC14051B effectively
implements an SP8T solid state switch, the MC14052B a DP4T, and
the MC14053B a Triple SPDT. All three devices feature low ON
impedance and very low OFF leakage current. Control of analog
signals up to the complete supply voltage range can be achieved.
Features
Triple Diode Protection on Control Inputs
Switch Function is Break Before Make
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Analog Voltage Range (VDD − VEE) = 3.0 to 18 V
Note: VEE must be v VSS
Linearized Transfer Characteristics
Low−noise − 12 nV/√Cycle, f ≥ 1.0 kHz Typical
Pin−for−Pin Replacement for CD4051, CD4052, and CD4053
For 4PDT Switch, See MC14551B
For Lower RON, Use the HC4051, HC4052, or HC4053 High−Speed
CMOS Devices
Pb−Free Packages are Available*
MAXIMUM RATINGS (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
(Referenced to VEE, VSS ≥ VEE)
−0.5 to +18.0
V
Vin,
Vout
Input or Output Voltage Range
(DC or Transient) (Referenced to VSS for
Control Inputs and VEE for Switch I/O)
−0.5 to VDD + 0.5
V
Iin
Input Current (DC or Transient)
per Control Pin
+10
mA
ISW
Switch Through Current
±25
mA
PD
Power Dissipation per Package (Note 1)
500
mW
TA
Ambient Temperature Range
−55 to +125
°C
Tstg
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature (8−Second Soldering)
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Temperature Derating: Plastic “P and D/DW” Packages: – 7.0 mW/
_C From
65
_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high−impedance circuit. For proper operation, Vin and Vout should be constrained to
the range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either
VSS, VEE or VDD). Unused outputs must be left open.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
MARKING
DIAGRAMS
PDIP−16
P SUFFIX
CASE 648
MC1405xBCP
AWLYYWWG
SOIC−16
D SUFFIX
CASE 751B
TSSOP−16
DT SUFFIX
CASE 948F
SOEIAJ−16
F SUFFIX
CASE 966
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
16
1
1405xBG
AWLYWW
14
05xB
ALYW
G
G
1
1
16
1
1
16
1
MC1405xB
ALYWG
1
16
x
= 1, 2, or 3
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW, W
= Work Week
G or
G
= Pb−Free Package
(Note: Microdot may be in either location)
1


Número de pieza similar - MC14051B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14051B ONSEMI-MC14051B Datasheet
183Kb / 12P
   Analog Multiplexers/Demultiplexers
February, 2005 ??Rev. 6
MC14051B ONSEMI-MC14051B Datasheet
164Kb / 11P
   Analog Multiplexers/Demultiplexers
August, 2014 ??Rev. 14
MC14051BCP ONSEMI-MC14051BCP Datasheet
183Kb / 12P
   Analog Multiplexers/Demultiplexers
February, 2005 ??Rev. 6
MC14051BCPG ONSEMI-MC14051BCPG Datasheet
183Kb / 12P
   Analog Multiplexers/Demultiplexers
February, 2005 ??Rev. 6
MC14051BD ONSEMI-MC14051BD Datasheet
183Kb / 12P
   Analog Multiplexers/Demultiplexers
February, 2005 ??Rev. 6
More results

Descripción similar - MC14051B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
   ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
   Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4051B STMICROELECTRONICS-HCC4051B Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com