Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BY719 Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza BY719
Descripción Electrónicos  Very fast high-voltage soft-recovery rectifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY719 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BY719 Datasheet HTML 3Page - NXP Semiconductors BY719 Datasheet HTML 4Page - NXP Semiconductors BY719 Datasheet HTML 5Page - NXP Semiconductors BY719 Datasheet HTML 6Page - NXP Semiconductors BY719 Datasheet HTML 7Page - NXP Semiconductors BY719 Datasheet HTML 8Page - NXP Semiconductors BY719 Datasheet HTML 9Page - NXP Semiconductors BY719 Datasheet HTML 10Page - NXP Semiconductors BY719 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2001 Sep 24
7
Philips Semiconductors
Product specification
Very fast high-voltage soft-recovery rectifiers
BY715 to BY724
handbook, halfpage
020
40
80
VF (V)
IF
(mA)
200
0
160
60
120
80
40
MBL352
Fig.6
Forward current as a function of maximum
forward voltage.
BY715 and BY716
Dotted line; Tj = 120 °C.
Solid line: Tj =25 °C.
handbook, halfpage
0
120
160
80
40
200
VF (V)
IF
(mA)
200
0
160
120
80
40
MBL353
Fig.7
Forward current as a function of maximum
forward voltage.
BY717 to BY719
Dotted line; Tj = 120 °C.
Solid line: Tj =25 °C.
handbook, halfpage
200
0
40
240
200
VF (V)
IF
(mA)
160
120
0
80
40
80
120
160
MBL354
Fig.8
Forward current as a function of maximum
forward voltage.
BY720 and BY721
Dotted line; Tj = 120 °C.
Solid line: Tj =25 °C.
handbook, halfpage
0
100
200
400
VF (V)
IF
(mA)
200
0
160
300
120
80
40
MBL355
Fig.9
Forward current as a function of maximum
forward voltage.
BY722 to BY724
Dotted line; Tj = 120 °C.
Solid line: Tj =25 °C.


Número de pieza similar - BY719

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Jersey Semi-Conduct...
BY719 NJSEMI-BY719 Datasheet
188Kb / 3P
   Very fast high-voltage soft-recovery rectifiers
More results

Descripción similar - BY719

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Jersey Semi-Conduct...
BY715 NJSEMI-BY715 Datasheet
188Kb / 3P
   Very fast high-voltage soft-recovery rectifiers
logo
Vishay Siliconix
BYV98 VISHAY-BYV98 Datasheet
37Kb / 3P
   Very Fast Soft-Recovery Rectifiers
Rev. 2, 24-Jun-98
logo
NXP Semiconductors
BY8100 PHILIPS-BY8100 Datasheet
54Kb / 10P
   Very fast high-voltage soft-recovery controlled avalanche rectifiers
1996 May 24
BY8400 PHILIPS-BY8400 Datasheet
67Kb / 14P
   Fast high-voltage soft-recovery rectifiers
1996 May 24
logo
Vishay Siliconix
BYT43 VISHAY-BYT43 Datasheet
46Kb / 4P
   Very Fast Soft Recovery Rectifier
Rev. 3, 24-Jun-98
logo
NXP Semiconductors
BY8000 PHILIPS-BY8000 Datasheet
55Kb / 10P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
1996 May 24
BY9300 PHILIPS-BY9300 Datasheet
96Kb / 12P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
2000 Jan 10
BY9400 PHILIPS-BY9400 Datasheet
67Kb / 8P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
2000 Jan 10
BYD43 PHILIPS-BYD43 Datasheet
67Kb / 11P
   Fast soft-recovery rectifiers
1996 Jun 05
logo
SEMTECH ELECTRONICS LTD...
SFR151 SEMTECH_ELEC-SFR151 Datasheet
246Kb / 2P
   SOFT FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com