Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC14516BFELG Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC14516BFELG
Descripción Electrónicos  Binary Up/Down Counter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14516BFELG Datasheet(HTML) 1 Page - ON Semiconductor

  MC14516BFELG Datasheet HTML 1Page - ON Semiconductor MC14516BFELG Datasheet HTML 2Page - ON Semiconductor MC14516BFELG Datasheet HTML 3Page - ON Semiconductor MC14516BFELG Datasheet HTML 4Page - ON Semiconductor MC14516BFELG Datasheet HTML 5Page - ON Semiconductor MC14516BFELG Datasheet HTML 6Page - ON Semiconductor MC14516BFELG Datasheet HTML 7Page - ON Semiconductor MC14516BFELG Datasheet HTML 8Page - ON Semiconductor MC14516BFELG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 7
1
Publication Order Number:
MC14516B/D
MC14516B
Binary Up/Down Counter
The MC14516B synchronous up/down binary counter is
constructed with MOS P−channel and N−channel enhancement mode
devices in a monolithic structure.
This counter can be preset by applying the desired value, in binary,
to the Preset inputs (P0, P1, P2, P3) and then bringing the Preset
Enable (PE) high. The direction of counting is controlled by applying
a high (for up counting) or a low (for down counting) to the
UP/DOWN input. The state of the counter changes on the positive
transition of the clock input.
Cascading can be accomplished by connecting the Carry Out to the
Carry In of the next stage while clocking each counter in parallel. The
outputs (Q0, Q1, Q2, Q3) can be reset to a low state by applying a high
to the reset (R) pin.
This CMOS counter finds primary use in up/down and difference
counting. Other applications include: (1) Frequency synthesizer
applications where low power dissipation and/or high noise immunity
is desired, (2) Analog−to−Digital and Digital−to−Analog conversions,
and (3) Magnitude and sign generation.
Features
Diode Protection on All Inputs
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Internally Synchronous for High Speed
Logic Edge−Clocked Design — Count Occurs on Positive Going
Edge of Clock
Single Pin Reset
Asynchronous Preset Enable Operation
Capable of Driving Two Low−Power TTL Loads or One Low−Power
Schottky Load Over the Rated Temperature Range
Pb−Free Packages are Available*
MAXIMUM RATINGS (Voltages Referenced to VSS)
Parameter
Symbol
Value
Unit
DC Supply Voltage Range
VDD
−0.5 to +18.0
V
Input or Output Voltage Range
(DC or Transient)
Vin, Vout
−0.5 to VDD
+ 0.5
V
Input or Output Current (DC or Transient)
per Pin
Iin, Iout
±10
mA
Power Dissipation, per Package (Note 1)
PD
500
mW
Ambient Temperature Range
TA
−55 to +125
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Lead Temperature (8−Second Soldering)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Temperature Derating: Plastic “P and D/DW”
Packages: – 7.0 mW/
_C From 65_C To 125_C
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
This device contains protection circuitry to guard
against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated
voltages to this high−impedance circuit. For proper
operation, Vin and Vout should be constrained to the
range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an appropriate
logic voltage level (e.g., either VSS or VDD). Unused
outputs must be left open.
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G
= Pb−Free Package
MARKING
DIAGRAMS
PDIP−16
P SUFFIX
CASE 648
SOIC−16
D SUFFIX
CASE 751B
1
16
14516BG
AWLYWW
SOEIAJ−16
F SUFFIX
CASE 966
1
16
MC14516B
ALYWG
16
1
MC14516BCP
AWLYYWWG
1
1
1


Número de pieza similar - MC14516BFELG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14516BFEL ONSEMI-MC14516BFEL Datasheet
116Kb / 12P
   Binary Up/Down Counter
August, 2000 ??Rev. 4
More results

Descripción similar - MC14516BFELG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
HEF4516B PHILIPS-HEF4516B Datasheet
129Kb / 10P
   Binary up/down counter
January 1995
logo
Hitachi Semiconductor
HD14516B HITACHI-HD14516B Datasheet
100Kb / 8P
   Binary Up/Down Counter
logo
NXP Semiconductors
HEF4516B NXP-HEF4516B_09 Datasheet
158Kb / 16P
   Binary up/down counter
Rev. 06-11 December 2009
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B Datasheet
116Kb / 12P
   Binary Up/Down Counter
August, 2000 ??Rev. 4
MC14516B ONSEMI-MC14516B_14 Datasheet
102Kb / 10P
   Binary Up/Down Counter
March, 2014 ??Rev. 10
logo
NXP Semiconductors
74HC4516 PHILIPS-74HC4516 Datasheet
100Kb / 14P
   Binary up/down counter
December 1990
logo
Toshiba Semiconductor
TC74HC193AP TOSHIBA-TC74HC193AP_07 Datasheet
475Kb / 12P
   Synchronous Up/Down Binary Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_05 Datasheet
124Kb / 8P
   Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14029B MOTOROLA-MC14029B Datasheet
279Kb / 8P
   Binary/Decade Up/Down Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_15 Datasheet
93Kb / 8P
   Binary/Decade Up/Down Counter
March, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com