Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC14053BDG Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza MC14053BDG
Descripción Electrónicos  Analog Multiplexers/Demultiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14053BDG Datasheet(HTML) 4 Page - ON Semiconductor

  MC14053BDG Datasheet HTML 1Page - ON Semiconductor MC14053BDG Datasheet HTML 2Page - ON Semiconductor MC14053BDG Datasheet HTML 3Page - ON Semiconductor MC14053BDG Datasheet HTML 4Page - ON Semiconductor MC14053BDG Datasheet HTML 5Page - ON Semiconductor MC14053BDG Datasheet HTML 6Page - ON Semiconductor MC14053BDG Datasheet HTML 7Page - ON Semiconductor MC14053BDG Datasheet HTML 8Page - ON Semiconductor MC14053BDG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC14051B, MC14052B, MC14053B
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (Note 4) (CL = 50 pF, TA = 25_C) (VEE v VSS unless otherwise indicated)
Characteristic
Symbol
VDD – VEE
Vdc
Typ (Note 5)
All Types
Max
Unit
Propagation Delay Times (Figure 6)
Switch Input to Switch Output (RL = 10 kW)
MC14051
tPLH, tPHL = (0.17 ns/pF) CL + 26.5 ns
tPLH, tPHL = (0.08 ns/pF) CL + 11 ns
tPLH, tPHL = (0.06 ns/pF) CL + 9.0 ns
tPLH, tPHL
5.0
10
15
35
15
12
90
40
30
ns
MC14052
tPLH, tPHL = (0.17 ns/pF) CL + 21.5 ns
tPLH, tPHL = (0.08 ns/pF) CL + 8.0 ns
tPLH, tPHL = (0.06 ns/pF) CL + 7.0 ns
5.0
10
15
30
12
10
75
30
25
ns
MC14053
tPLH, tPHL = (0.17 ns/pF) CL + 16.5 ns
tPLH, tPHL = (0.08 ns/pF) CL + 4.0 ns
tPLH, tPHL = (0.06 ns/pF) CL + 3.0 ns
5.0
10
15
25
8.0
6.0
65
20
15
ns
Inhibit to Output (RL = 10 kW, VEE = VSS)
Output “1” or “0” to High Impedance, or
High Impedance to “1” or “0” Level
MC14051B
tPHZ, tPLZ,
tPZH, tPZL
5.0
10
15
350
170
140
700
340
280
ns
MC14052B
5.0
10
15
300
155
125
600
310
250
ns
MC14053B
5.0
10
15
275
140
110
550
280
220
ns
Control Input to Output (RL = 10 kW, VEE = VSS)
MC14051B
tPLH, tPHL
5.0
10
15
360
160
120
720
320
240
ns
MC14052B
5.0
10
15
325
130
90
650
260
180
ns
MC14053B
5.0
10
15
300
120
80
600
240
160
ns
Second Harmonic Distortion
(RL = 10KW, f = 1 kHz) Vin = 5 VPP
10
0.07
%
Bandwidth (Figure 7)
(RL = 1 kW, Vin = 1/2 (VDD−VEE) p−p, CL = 50pF
20 Log (Vout/Vin) = − 3 dB)
BW
10
17
MHz
Off Channel Feedthrough Attenuation (Figure 7)
RL = 1KW, Vin = 1/2 (VDD − VEE) p−p
fin = 4.5 MHz — MC14051B
fin = 30 MHz — MC14052B
fin = 55 MHz — MC14053B
10
– 50
dB
Channel Separation (Figure 8)
(RL = 1 kW, Vin = 1/2 (VDD−VEE) p−p,
fin = 3.0 MHz
10
– 50
dB
Crosstalk, Control Input to Common O/I (Figure 9)
(R1 = 1 kW, RL = 10 kW
Control tTLH = tTHL = 20 ns, Inhibit = VSS)
10
75
mV
4. The formulas given are for the typical characteristics only at 25
_C.
5. Data labelled “Typ” is not lo be used for design purposes but In intended as an indication of the IC’s potential performance.


Número de pieza similar - MC14053BDG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14053BDG ONSEMI-MC14053BDG Datasheet
183Kb / 12P
   Analog Multiplexers/Demultiplexers
February, 2005 ??Rev. 6
MC14053BDG ONSEMI-MC14053BDG Datasheet
164Kb / 11P
   Analog Multiplexers/Demultiplexers
August, 2014 ??Rev. 14
More results

Descripción similar - MC14053BDG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
   ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
   Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4051B STMICROELECTRONICS-HCC4051B Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com