Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33030DWG Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza MC33030DWG
Descripción Electrónicos  DC Servo Motor Controller/Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33030DWG Datasheet(HTML) 3 Page - ON Semiconductor

  MC33030DWG Datasheet HTML 1Page - ON Semiconductor MC33030DWG Datasheet HTML 2Page - ON Semiconductor MC33030DWG Datasheet HTML 3Page - ON Semiconductor MC33030DWG Datasheet HTML 4Page - ON Semiconductor MC33030DWG Datasheet HTML 5Page - ON Semiconductor MC33030DWG Datasheet HTML 6Page - ON Semiconductor MC33030DWG Datasheet HTML 7Page - ON Semiconductor MC33030DWG Datasheet HTML 8Page - ON Semiconductor MC33030DWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MC33030
http://onsemi.com
3
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
36
V
Input Voltage Range
Op Amp, Comparator, Current Limit
(Pins 1, 2, 3, 6, 7, 8, 9, 15)
VIR
−0.3 to VCC
V
Input Differential Voltage Range
Op Amp, Comparator (Pins 1, 2, 3, 6, 7, 8, 9)
VIDR
−0.3 to VCC
V
Delay Pin Sink Current (Pin 16)
IDLY(sink)
20
mA
Output Source Current (Op Amp)
Isource
10
mA
Drive Output Voltage Range (Note 1)
VDRV
−0.3 to (VCC + VF)
V
Drive Output Source Current (Note 2)
IDRV(source)
1.0
A
Drive Output Sink Current (Note 2)
IDRV(sink)
1.0
A
Brake Diode Forward Current (Note 2)
IF
1.0
A
Power Dissipation and Thermal Characteristics
P Suffix, Dual In Line Case 648C
Thermal Resistance, Junction−to−Air
Thermal Resistance, Junction−to−Case
(Pins 4, 5, 12, 13)
DW Suffix, Dual In Line Case 751G
Thermal Resistance, Junction−to−Air
Thermal Resistance, Junction−to−Case
(Pins 4, 5, 12, 13)
RqJA
RqJC
RqJA
RqJC
80
15
94
18
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature Range
TA
−40 to + 85
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Electrostatic Discharge Sensitivity (ESD)
Human Body Model (HBM)
Machine Model (MM)
ESD
2000
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The upper voltage level is clamped by the forward drop, VF, of the brake diode.
2. These values are for continuous DC current. Maximum package power dissipation limits must be observed.
ELECTRICAL CHARACTERISTICS (VCC = 14 V, TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
ERROR AMP
Input Offset Voltage (− 40
°C p TA p 85°C), VPin 6 = 7.0 V, RL = 100 k
VIO
1.5
10
mV
Input Offset Current (VPin 6 = 1.0 V, RL = 100 k)
IIO
0.7
nA
Input Bias Current (VPin 6 = 7.0 V, RL = 100 k)
IIB
7.0
nA
Input Common−Mode Voltage Range
DVIO = 20 mV, RL = 100 k
VICR
0 to (VCC − 1.2)
V
Slew Rate, Open Loop (VID = 0.5 V, CL = 15 pF)
SR
0.40
V/
ms
Unity−Gain Crossover Frequency
fc
550
kHz
Unity−Gain Phase Margin
φm
63
deg
Common−Mode Rejection Ratio (VPin 6 = 7.0 V, RL = 100 k)
CMRR
50
82
dB
Power Supply Rejection Ratio VCC = 9.0 to 16 V, VPin 6 = 7.0 V, RL = 100 k
PSRR
89
dB
Output Source Current (VPin 6 = 12 V)
IO +
1.8
mA
Output Sink Current (VPin 6 = 1.0 V)
IO −
250
mA
Output Voltage Swing (RL = 17 k to Ground)
VOH
VOL
12.5
13.1
0.02
V
V


Número de pieza similar - MC33030DWG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33030DW ONSEMI-MC33030DW Datasheet
322Kb / 16P
   DC SERVO MOTOR CONTROLLER/DRIVER
1996 REV 2
More results

Descripción similar - MC33030DWG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33030 ONSEMI-MC33030 Datasheet
322Kb / 16P
   DC SERVO MOTOR CONTROLLER/DRIVER
1996 REV 2
logo
Toshiba Semiconductor
TB9056FNG TOSHIBA-TB9056FNG Datasheet
778Kb / 45P
   Automotive DC Servo Motor Driver
2017-08-09
logo
Infineon Technologies A...
TLE4209 INFINEON-TLE4209 Datasheet
93Kb / 12P
   DC Motor Driver for Servo Driver Applications
2000-09-05
TLE4209A INFINEON-TLE4209A_16 Datasheet
404Kb / 14P
   DC Motor Driver for Servo Driver Applications
Rev.1.2, 2016-07-25
TLE4209A INFINEON-TLE4209A Datasheet
329Kb / 14P
   DC Motor Driver for Servo Driver Applications
Rev.1.1, 2007-07-24
logo
IK Semicon Co., Ltd
IK8508 IKSEMICON-IK8508 Datasheet
723Kb / 12P
   DC Motor Driver for Servo Driver Applications
logo
Agamem Microelectronic ...
AA51880 AGAMEM-AA51880 Datasheet
387Kb / 10P
   SERVO MOTOR CONTROLLER
AA51882 AGAMEM-AA51882 Datasheet
239Kb / 8P
   SERVO MOTOR CONTROLLER
AA51883 AGAMEM-AA51883 Datasheet
110Kb / 7P
   SERVO MOTOR CONTROLLER
AA51890 AGAMEM-AA51890 Datasheet
233Kb / 7P
   SERVO MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com