Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BYC8B-600 Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza BYC8B-600
Descripción Electrónicos  Rectifier diode ultrafast, low switching loss
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYC8B-600 Datasheet(HTML) 2 Page - NXP Semiconductors

  BYC8B-600 Datasheet HTML 1Page - NXP Semiconductors BYC8B-600 Datasheet HTML 2Page - NXP Semiconductors BYC8B-600 Datasheet HTML 3Page - NXP Semiconductors BYC8B-600 Datasheet HTML 4Page - NXP Semiconductors BYC8B-600 Datasheet HTML 5Page - NXP Semiconductors BYC8B-600 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diode
BYC8B-600
ultrafast, low switching loss
ELECTRICAL CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
F
Forward voltage
I
F = 8 A; Tj = 150˚C
-
1.4
1.85
V
I
F = 16 A; Tj = 150˚C
-
1.7
2.3
V
I
F = 8 A;
-
2.0
2.8
V
I
R
Reverse current
V
R = 600 V
-
9
150
µA
V
R = 500 V; Tj = 100 ˚C
-
1.1
3.0
mA
t
rr
Reverse recovery time
I
F = 8 A to VR = 400 V;
-
19
-
ns
dI
F/dt = 500 A/µs
t
rr
Reverse recovery time
I
F = 8 A to VR = 400 V;
-
32
40
ns
dI
F/dt = 500 A/µs; Tj = 125˚C
I
rrm
Peak reverse recovery current
I
F = 8 A to VR = 400 V;
-
9.5
12
A
dI
F/dt = 500 A/µs; Tj = 125˚C
V
fr
Forward recovery voltage
I
F = 10 A; dIF/dt = 100 A/µs-
8
10
V
Fig.1. Typical application, output rectifier in boost
converter power factor correction circuit. Continuous
conduction, mode where the transistor turns on whilst
forward current is still flowing in the diode.
Fig.2. Typical application, freewheeling diode in half
bridge converter. Continuous conduction mode, where
each transistor turns on whilst forward current is still
flowing in the other bridge leg diode.
Vin
Vo = 400 V d.c.
500 V MOSFET
IL
150 uH
ID
OUTPUT DIODE
typ
Vin
Vin = 400 V d.c.
inductive load
IF
IR
IL
October 1998
2
Rev 1.200


Número de pieza similar - BYC8B-600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BYC8B-600 PHILIPS-BYC8B-600 Datasheet
62Kb / 6P
   Rectifier diode ultrafast, low switching loss
October 1998 Rev 1.200
logo
WeEn Semiconductors
BYC8B-600 WEEN-BYC8B-600 Datasheet
828Kb / 8P
   Rectifier diode ultrafast, low switching loss
BYC8B-600P WEEN-BYC8B-600P Datasheet
247Kb / 10P
   Hyperfast power diode
logo
NXP Semiconductors
BYC8B-600P PHILIPS-BYC8B-600P_15 Datasheet
201Kb / 9P
   Hyperfast power diode
26 February 2014
BYC8B-600 PHILIPS-BYC8B-600_15 Datasheet
123Kb / 8P
   Rectifier diode ultrafast, low switching loss
March 2001
More results

Descripción similar - BYC8B-600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BYC5-600 PHILIPS-BYC5-600 Datasheet
57Kb / 6P
   Rectifier diode ultrafast, low switching loss
September 1998 Rev 1.100
logo
Unisonic Technologies
BYC8-600 UTC-BYC8-600 Datasheet
144Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
logo
NXP Semiconductors
BYC8-600 PHILIPS-BYC8-600 Datasheet
59Kb / 6P
   Rectifier diode ultrafast, low switching loss
September 1998 Rev 1.100
BYC8B-600 PHILIPS-BYC8B-600 Datasheet
62Kb / 6P
   Rectifier diode ultrafast, low switching loss
October 1998 Rev 1.200
BYC10B-600 PHILIPS-BYC10B-600_15 Datasheet
121Kb / 8P
   Rectifier diode ultrafast, low switching loss
March 2001
logo
Unisonic Technologies
BYC10-600 UTC-BYC10-600_15 Datasheet
163Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
BYC5 UTC-BYC5 Datasheet
165Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
BYC5-600 UTC-BYC5-600 Datasheet
132Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
logo
WeEn Semiconductors
BYC10B-600 WEEN-BYC10B-600 Datasheet
936Kb / 8P
   Rectifier diode ultrafast, low switching loss
logo
NXP Semiconductors
BYC5-600 PHILIPS-BYC5-600 Datasheet
63Kb / 6P
   Rectifier diode ultrafast, low switching loss
September 1998
BYC10-600 PHILIPS-BYC10-600 Datasheet
58Kb / 6P
   Rectifier diode ultrafast, low switching loss
September 1998 Rev 1.100
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com