Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33023 Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza MC33023
Descripción Electrónicos  High Speed Single?묮nded PWM Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33023 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC33023 Datasheet HTML 3Page - ON Semiconductor MC33023 Datasheet HTML 4Page - ON Semiconductor MC33023 Datasheet HTML 5Page - ON Semiconductor MC33023 Datasheet HTML 6Page - ON Semiconductor MC33023 Datasheet HTML 7Page - ON Semiconductor MC33023 Datasheet HTML 8Page - ON Semiconductor MC33023 Datasheet HTML 9Page - ON Semiconductor MC33023 Datasheet HTML 10Page - ON Semiconductor MC33023 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
MC34023, MC33023
http://onsemi.com
7
Source Saturation
(Load to Ground)
VCC
Ground
Sink Saturation
(Load to VCC)
RT = 3.65 kW
CT = 1.0 nF
VCC Decreasing
VCC Increasing
TA, AMBIENT TEMPERATURE (°C)
Figure 14. Soft−Start Charge Current
versus Temperature
−55
−25
0
25
50
75
100
125
IO, OUTPUT LOAD CURRENT (A)
Figure 15. Output Saturation Voltage
versus Load Current
0
0.2
0.4
0.6
0.8
1.0
Figure 16. Drive Output Rise and Fall Time
Figure 17. Drive Output Rise and Fall Time
VCC, SUPPLY VOLTAGE (V)
0
4.0
8.0
12
16
20
Figure 18. Supply Voltage versus Supply Current
OUTPUT RISE & FALL TIME 1.0 nF LOAD
50 ns/DIV
OUTPUT RISE & FALL TIME 10 nF LOAD
50 ns/DIV
VCC = 15 V
80
ms Pulsed Load
120 Hz Rate
TA = 25°C
VCC = 15 V
0
2.0
1.0
10
9.5
9.0
8.5
8.0
7.5
7.0
−1.0
−2.0
0
30
25
20
15
10
5.0
0


Número de pieza similar - MC33023

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33023 ONSEMI-MC33023 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33023DW ONSEMI-MC33023DW Datasheet
470Kb / 19P
   High Speed Single-Ended PWM Controller
Rev 2
MC33023P ONSEMI-MC33023P Datasheet
470Kb / 19P
   High Speed Single-Ended PWM Controller
Rev 2
More results

Descripción similar - MC33023

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC34025 ONSEMI-MC34025_05 Datasheet
473Kb / 20P
   High Speed Double?묮nded PWM Controller
October, 2005 ??Rev. 7
MC34023 ONSEMI-MC34023 Datasheet
470Kb / 19P
   High Speed Single-Ended PWM Controller
Rev 2
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com