Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33025DW Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza MC33025DW
Descripción Electrónicos  High Speed Double?묮nded PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33025DW Datasheet(HTML) 3 Page - ON Semiconductor

  MC33025DW Datasheet HTML 1Page - ON Semiconductor MC33025DW Datasheet HTML 2Page - ON Semiconductor MC33025DW Datasheet HTML 3Page - ON Semiconductor MC33025DW Datasheet HTML 4Page - ON Semiconductor MC33025DW Datasheet HTML 5Page - ON Semiconductor MC33025DW Datasheet HTML 6Page - ON Semiconductor MC33025DW Datasheet HTML 7Page - ON Semiconductor MC33025DW Datasheet HTML 8Page - ON Semiconductor MC33025DW Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MC34025, MC33025
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = 15 V, RT = 3.65 kW, CT = 1.0 nF, for typical values TA = + 25°C, for min/max values
TA is the operating ambient temperature range that applies [Note 4], unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
ERROR AMPLIFIER SECTION
Input Offset Voltage
VIO
15
mV
Input Bias Current
IIB
0.6
3.0
mA
Input Offset Current
IIO
0.1
1.0
mA
Open−Loop Voltage Gain (VO = 1.0 V to 4.0 V)
AVOL
60
95
dB
Gain Bandwidth Product (TJ = + 25°C)
GBW
4.0
8.3
MHz
Common Mode Rejection Ratio (VCM = 1.5 V to 5.5 V)
CMRR
75
95
dB
Power Supply Rejection Ratio (VCC = 10 V to 30 V)
PSRR
85
110
dB
Output Current,
Source (VO = 4.0 V)
Sink (VO = 1.0 V)
ISource
ISink
0.5
1.0
3.0
3.6
mA
Output Voltage Swing,
High State (IO = − 0.5 mA)
Low State (IO = 1.0 mA)
VOH
VOL
4.5
0
4.75
0.4
5.0
1.0
V
Slew Rate
SR
6.0
12
V/
ms
PWM COMPARATOR SECTION
Ramp Input Bias Current
IIB
−0.5
−5.0
mA
Duty Cycle of Each Output,
Maximum
Minimum
DC(max)
DC(min)
40
45
0
%
Zero Duty Cycle Threshold Voltage Pin 3(4) (Pin 7(9) = 0 V)
Vth
1.1
1.25
1.4
V
Propagation Delay (Ramp Input to Output, TJ = + 25°C)
tPLH(in/out)
60
100
ns
SOFT−START SECTION
Charge Current (VSoft−Start = 0.5 V)
Ichg
3.0
9.0
20
mA
Discharge Current (VSoft−Start = 1.5 V)
Idischg
1.0
4.0
mA
CURRENT SENSE SECTION
Input Bias Current (Pin 9(12) = 0 V to 4.0 V)
IIB
15
mA
Current Limit Comparator Threshold
Shutdown Comparator Threshold
Vth
Vth
0.9
1.25
1.0
1.40
1.10
1.55
V
Propagation Delay (Current Limit/Shutdown to Output, TJ = + 25°C)
tPLH(in/out)
50
80
ns
OUTPUT SECTION
Output Voltage
Low State
(ISink = 20 mA)
(ISink = 200 mA)
High State
(ISource = 20 mA)
(ISource = 200 mA)
VOL
VOH
13
12
0.25
1.2
13.5
13
0.4
2.2
V
Output Voltage with UVLO Activated (VCC = 6.0 V, ISink = 0.5 mA)
VOL(UVLO)
0.25
1.0
V
Output Leakage Current (VC = 20 V)
IL
100
500
mA
Output Voltage Rise Time (CL = 1.0 nF, TJ = + 25°C)
tr
30
60
ns
Output Voltage Fall Time (CL = 1.0 nF, TJ = + 25°C)
tf
30
60
ns
UNDERVOLTAGE LOCKOUT SECTION
Startup Threshold (VCC Increasing)
Vth(on)
8.8
9.2
9.6
V
UVLO Hysteresis Voltage (VCC Decreasing After Turn−On)
VH
0.4
0.8
1.2
V
TOTAL DEVICE
Power Supply Current
Startup (VCC = 8.0 V)
Operating
ICC
0.5
25
1.2
35
mA
3. Maximum package power dissipation limits must be observed.
4. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
Tlow = 0°C for MC34025
Thigh = +70°C for MC34025
Tlow = − 40°C for MC33025
Thigh = +105°C for MC33025


Número de pieza similar - MC33025DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33025DW ONSEMI-MC33025DW Datasheet
516Kb / 20P
   High Speed Double-Ended PWM Controller
1996 REV 1
MC33025DWG ONSEMI-MC33025DWG Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC33025DWR2G ONSEMI-MC33025DWR2G Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
More results

Descripción similar - MC33025DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC34023 ONSEMI-MC34023_05 Datasheet
441Kb / 18P
   High Speed Single?묮nded PWM Controller
October, 2005 ??Rev. 6
MC33025 ONSEMI-MC33025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34025 ONSEMI-MC34025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34025 ONSEMI-MC34025 Datasheet
516Kb / 20P
   High Speed Double-Ended PWM Controller
1996 REV 1
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com