Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

4N25M Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza 4N25M
Descripción Electrónicos  General Purpose 6-Pin Phototransistor Optocouplers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N25M Datasheet(HTML) 2 Page - Fairchild Semiconductor

  4N25M_07 Datasheet HTML 1Page - Fairchild Semiconductor 4N25M_07 Datasheet HTML 2Page - Fairchild Semiconductor 4N25M_07 Datasheet HTML 3Page - Fairchild Semiconductor 4N25M_07 Datasheet HTML 4Page - Fairchild Semiconductor 4N25M_07 Datasheet HTML 5Page - Fairchild Semiconductor 4N25M_07 Datasheet HTML 6Page - Fairchild Semiconductor 4N25M_07 Datasheet HTML 7Page - Fairchild Semiconductor 4N25M_07 Datasheet HTML 8Page - Fairchild Semiconductor 4N25M_07 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
4NXXM, H11AXM Rev. 1.0.0
2
Absolute Maximum Ratings (TA = 25°C unless otherwise specified)
Electrical Characteristics (TA = 25°C unless otherwise specified)
Individual Component Characteristics
Isolation Characteristics
*Typical values at TA = 25°C
Symbol
Parameter
Value
Units
TOTAL DEVICE
TSTG
Storage Temperature
-55 to +150
°C
TOPR
Operating Temperature
-55 to +100
°C
TSOL
Wave solder temperature (see page 8 for reflow solder profile)
260 for 10 sec
°C
PD
Total Device Power Dissipation @ TA = 25°C
Derate above 25°C
250
mW
2.94
EMITTER
IF
DC/Average Forward Input Current
60
mA
VR
Reverse Input Voltage
6
V
IF(pk)
Forward Current – Peak (300µs, 2% Duty Cycle)
3
A
PD
LED Power Dissipation @ TA = 25°C
Derate above 25°C
120
mW
1.41
mW/°C
DETECTOR
VCEO
Collector-Emitter Voltage
30
V
VCBO
Collector-Base Voltage
70
V
VECO
Emitter-Collector Voltage
7
V
PD
Detector Power Dissipation @ TA = 25°C
Derate above 25°C
150
mW
1.76
mW/°C
Symbol
Parameter
Test Conditions
Min.
Typ.*
Max.
Unit
EMITTER
VF
Input Forward Voltage
IF = 10mA
1.18
1.50
V
IR
Reverse Leakage Current
VR = 6.0V
0.001
10
µA
DETECTOR
BVCEO
Collector-Emitter Breakdown Voltage
IC = 1.0mA, IF = 0
30
100
V
BVCBO
Collector-Base Breakdown Voltage
IC = 100µA, IF = 0
70
120
V
BVECO
Emitter-Collector Breakdown Voltage
IE = 100µA, IF = 0
7
10
V
ICEO
Collector-Emitter Dark Current
VCE = 10V, IF = 0
1
50
nA
ICBO
Collector-Base Dark Current
VCB = 10V
20
nA
CCE
Capacitance
VCE = 0V, f = 1 MHz
8
pF
Symbol
Characteristic
Test Conditions
Min.
Typ.*
Max.
Units
VISO
Input-Output Isolation Voltage
f = 60Hz, t = 1 sec
7500
Vac(pk)
RISO
Isolation Resistance
VI-O = 500 VDC
1011
CISO
Isolation Capacitance
VI-O = &, f = 1MHz
0.2
2
pF


Número de pieza similar - 4N25M_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
4N25M FAIRCHILD-4N25M_09 Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
More results

Descripción similar - 4N25M_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Rohm
4N26-M ROHM-4N26-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
4N27SM FAIRCHILD-4N27SM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SVM FAIRCHILD-4N35SVM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SR2M FAIRCHILD-4N35SR2M Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL117M FAIRCHILD-TIL117M_09 Datasheet
273Kb / 11P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25M FAIRCHILD-4N25M_09 Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1VM FAIRCHILD-H11A1VM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N37TVM FAIRCHILD-4N37TVM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1SM FAIRCHILD-H11A1SM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25-M FAIRCHILD-4N25-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com