Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74F161ASC Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza 74F161ASC
Descripción Electrónicos  Synchronous Presettable Binary Counter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F161ASC Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button 74F161ASC Datasheet HTML 3Page - Fairchild Semiconductor 74F161ASC Datasheet HTML 4Page - Fairchild Semiconductor 74F161ASC Datasheet HTML 5Page - Fairchild Semiconductor 74F161ASC Datasheet HTML 6Page - Fairchild Semiconductor 74F161ASC Datasheet HTML 7Page - Fairchild Semiconductor 74F161ASC Datasheet HTML 8Page - Fairchild Semiconductor 74F161ASC Datasheet HTML 9Page - Fairchild Semiconductor 74F161ASC Datasheet HTML 10Page - Fairchild Semiconductor 74F161ASC Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74F161A, 74F163A Rev. 1.0.2
7
AC Electrical Characteristics
AC Operating Requirements
Symbol
Parameter
TA = +25°C,
VCC = +5.0V,
CL = 50pF
TA = –55°C to +125°C,
VCC = +5.0V,
CL = 50pF
TA = 0°C to 70°C,
VCC = +5.0V,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
fMAX
Maximum Count Frequency
100
MHz
tPLH
Propagation Delay,
CP to Qn (PE Input HIGH)
3.5
5.5
7.5
3.5
9.0
3.5
8.5
ns
tPHL
3.5
7.5
10.0
3.5
11.5
3.5
11.0
tPLH
Propagation Delay,
CP to Qn (PE Input LOW)
4.0
6.0
8.5
4.0
10.0
4.0
9.5
ns
tPHL
4.0
6.0
8.5
4.0
10.0
4.0
9.5
tPLH
Propagation Delay,
CP to TC
5.0
10.0
14.0
5.0
16.5
5.0
15.0
ns
tPHL
5.0
10.0
14.0
5.0
15.5
5.0
15.0
tPLH
Propagation Delay,
CET to TC
2.5
4.5
7.5
2.5
9.0
2.5
8.5
ns
tPHL
2.5
4.5
7.5
2.5
9.0
2.5
8.5
tPHL
Propagation Delay,
MR to Qn (74F161A)
5.5
9.0
12.0
5.5
14.0
5.5
13.0
ns
tPHL
Propagation Delay,
MR to TC (74F161A)
4.5
8.0
10.5
4.5
12.5
4.5
11.5
ns
Symbol
Parameter
TA = +25°C,
VCC = +5.0V
TA = –55°C to +125°C,
VCC = +5.0V
TA = 0°C to 70°C,
VCC = +5.0V
Units
Min.
Max.
Min.
Max.
Min.
Max.
tS(H)
Setup Time, HIGH or LOW,
Pn to CP
5.0
5.5
5.0
ns
tS(L)
5.0
5.5
5.0
tH(H)
Hold Time, HIGH or LOW,
Pn to CP
2.0
2.5
2.0
ns
tH(L)
2.0
2.5
2.0
tS(H)
Setup Time, HIGH or LOW,
PE or SR to CP
11.0
13.5
11.5
ns
tS(L)
8.5
10.5
9.5
tH(H)
Hold Time, HIGH or LOW,
PE or SR to CP
2.0
3.6
2.0
ns
tH(L)
00
0
tS(H)
Setup Time, HIGH or LOW,
CEP or CET to CP
11.0
13.0
11.5
ns
tS(L)
5.0
6.0
5.0
tH(H)
Hold Time, HIGH or LOW,
CEP or CET to CP
00
0
ns
tH(L)
00
0
tW(H)
Clock Pulse Width (Load),
HIGH or LOW
5.0
5.0
5.0
ns
tW(L)
5.0
5.0
5.0
tW(H)
Clock Pulse Width (Count),
HIGH or LOW
4.0
5.0
4.0
ns
tW(L)
6.0
8.0
7.0
tW(L)
MR Pulse Width, LOW
(74F161A)
5.0
5.0
5.0
ns
tREC
Recovery Time, MR to CP
(74F161A)
6.0
6.0
6.0
ns


Número de pieza similar - 74F161ASC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
74F161ASC NSC-74F161ASC Datasheet
197Kb / 10P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F161ASC FAIRCHILD-74F161ASC Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
74F161ASCX FAIRCHILD-74F161ASCX Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
More results

Descripción similar - 74F161ASC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161 Datasheet
192Kb / 15P
   Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
   Synchronous Presettable Binary counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161_15 Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
logo
National Semiconductor ...
54AC161 NSC-54AC161 Datasheet
192Kb / 12P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74AC161 FAIRCHILD-74AC161_03 Datasheet
155Kb / 11P
   Synchronous Presettable Binary Counter
logo
Hitachi Semiconductor
HD74ACT161 HITACHI-HD74ACT161 Datasheet
70Kb / 14P
   Synchronous Presettable Binary Counter
logo
National Semiconductor ...
54AC163 NSC-54AC163 Datasheet
190Kb / 12P
   Synchronous Presettable Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com