Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74F161APC Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza 74F161APC
Descripción Electrónicos  Synchronous Presettable Binary Counter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F161APC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74F161APC Datasheet HTML 1Page - Fairchild Semiconductor 74F161APC Datasheet HTML 2Page - Fairchild Semiconductor 74F161APC Datasheet HTML 3Page - Fairchild Semiconductor 74F161APC Datasheet HTML 4Page - Fairchild Semiconductor 74F161APC Datasheet HTML 5Page - Fairchild Semiconductor 74F161APC Datasheet HTML 6Page - Fairchild Semiconductor 74F161APC Datasheet HTML 7Page - Fairchild Semiconductor 74F161APC Datasheet HTML 8Page - Fairchild Semiconductor 74F161APC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74F161A, 74F163A Rev. 1.0.2
3
Functional Description
The 74F161A and 74F163A count in modulo-16 binary
sequence. From state 15 (HHHH) they increment to
state 0 (LLLL). The clock inputs of all flip-flops are driven
in parallel through a clock buffer. Thus all changes of the
Q outputs (except due to Master Reset of the 74F161A)
occur as a result of, and synchronous with, the LOW-to-
HIGH transition of the CP input signal. The circuits have
four fundamental modes of operation, in order of prece-
dence: asynchronous reset (74F161A), synchronous
reset (74F163A), parallel load, count-up and hold. Five
control inputs—Master Reset (MR, 74F161A), Synchro-
nous Reset (SR, 74F163A), Parallel Enable (PE), Count
Enable Parallel (CEP) and Count Enable Trickle (CET)—
determine the mode of operation, as shown in the Mode
Select Table. A LOW signal on MR overrides all other
inputs and asynchronously forces all outputs LOW. A
LOW signal on SR overrides counting and parallel load-
ing and allows all outputs to go LOW on the next rising
edge of CP. A LOW signal on PE overrides counting and
allows information on the Parallel Data (Pn) inputs to be
loaded into the flip-flops on the next rising edge of CP.
With PE and MR ('F161A) or SR (74F163A) HIGH, CEP
and CET permit counting when both are HIGH. Con-
versely, a LOW signal on either CEP or CET inhibits
counting.
The 74F161A and 74F163A use D-type edge triggered
flip-flops and changing the SR, PE, CEP and CET inputs
when the CP is in either state does not cause errors, pro-
vided that the recommended setup and hold times, with
respect to the rising edge of CP, are observed.
The Terminal Count (TC) output is HIGH when CET is
HIGH and the counter is in state 15. To implement syn-
chronous multi-stage counters, the TC outputs can be
used with the CEP and CET inputs in two different ways.
Please refer to the 74F568 data sheet. The TC output is
subject to decoding spikes due to internal race condi-
tions and is therefore not recommended for use as a
clock or asynchronous reset for flip-flops, counters or
registers.
Logic Equations:
Count Enable = CEP • CET • PE
TC = Q0 • Q1 • Q2 • Q3 • CET
Mode Select Table
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Note:
1. For 74F163A only
State Diagram
SR(1)
PE
CET CEP
Action on the Rising
Clock Edge (
)
L
X
X
X
Reset (Clear)
HL
XX
Load (Pn→Qn)
HH
HH
Count (Increment)
HH
LX
No Change (Hold)
HH
XL
No Change (Hold)


Número de pieza similar - 74F161APC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
74F161APC NSC-74F161APC Datasheet
197Kb / 10P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F161APC FAIRCHILD-74F161APC Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
74F161APCX FAIRCHILD-74F161APCX Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
More results

Descripción similar - 74F161APC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161 Datasheet
192Kb / 15P
   Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
   Synchronous Presettable Binary counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161_15 Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
logo
National Semiconductor ...
54AC161 NSC-54AC161 Datasheet
192Kb / 12P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74AC161 FAIRCHILD-74AC161_03 Datasheet
155Kb / 11P
   Synchronous Presettable Binary Counter
logo
Hitachi Semiconductor
HD74ACT161 HITACHI-HD74ACT161 Datasheet
70Kb / 14P
   Synchronous Presettable Binary Counter
logo
National Semiconductor ...
54AC163 NSC-54AC163 Datasheet
190Kb / 12P
   Synchronous Presettable Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com