Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC857S Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza BC857S
Descripción Electrónicos  PNP Multi-Chip General Purpose Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC857S Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BC857S Datasheet HTML 1Page - Fairchild Semiconductor BC857S Datasheet HTML 2Page - Fairchild Semiconductor BC857S Datasheet HTML 3Page - Fairchild Semiconductor BC857S Datasheet HTML 4Page - Fairchild Semiconductor BC857S Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics
T
A
= 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC = 10 mA, IB = 0
45
V
V(BR)CES
Collector-Base Breakdown Voltage
IC = 10
µA, IE = 0
50
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 10
µA, IE = 0
50
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, IC = 0
5.0
V
ICBO
Collector-Cutoff Current
VCB = 30 V
VCB = 30 V, TA = 150
°C
15
4.0
nA
µA
ON CHARACTERISTICS
hFE
DC Current Gain
IC = 2.0 mA, VCE = 5.0 V
125
630
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 10 mA, IB = 0.5 mA
IC = 100 mA, IB = 5.0 mA
0.3
0.65
V
V
VBE(on)
Base-Emitter On Voltage
IC = 2.0 mA, VCE = 5.0 V
IC = 10 mA, VCE = 5.0 V
0.6
0.75
0.82
V
V
SMALL SIGNAL CHARACTERISTICS
fT
Current Gain - Bandwidth Product
IC = 10 mA, VCE = 5.0,
f = 100 mHz
200
MHz
Cobo
Output Capacitance
VCB = 10 V, f = 1.0 MHz
3.5
pF
NF
Noise Figure
IC = 0.2 mA, VCE = 5.0,
RS = 2.0 k
Ω, f = 1.0 kHz,
BW = 200 Hz
2.5
dB
Typical Characteristics
NOTE: All voltages (V) and currents (A) are negative polarity for PNP transistors.
Typical Pulsed Current Gain
vs Collector Current
0.01
0.1
1
10
100
0
100
200
300
400
500
I - COLLECTOR CURRENT (mA)
C
125 °C
25 °C
- 40 °C
V
= 5V
CE
Collector-Emitter Saturation
Voltage vs Collector Curre nt
0.1
1
10
100
300
0
0.05
0.1
0.15
0.2
0.25
0.3
I - COLLECTOR CURRE NT (mA)
C
25
°C
- 40
°C
125
°C
β = 10
PNP Multi-Chip General Purpose Amplifier
(continued)


Número de pieza similar - BC857S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BC857S SIEMENS-BC857S Datasheet
159Kb / 6P
   PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
BC857S INFINEON-BC857S Datasheet
854Kb / 10P
   PNP Silicon AF Transistor Arrays
2011-07-25
BC857S INFINEON-BC857S Datasheet
57Kb / 6P
   PNP Silicon AF Transistor Array
Nov-29-2001
logo
Diotec Semiconductor
BC857S DIOTEC-BC857S Datasheet
180Kb / 2P
   SMD General Purpose PNP Transistors
BC857S DIOTEC-BC857S Datasheet
73Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Descripción similar - BC857S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FMB200 FAIRCHILD-FMB200 Datasheet
50Kb / 4P
   PNP Multi-Chip General Purpose Amplifier
FFB2907A FAIRCHILD-FFB2907A Datasheet
62Kb / 5P
   PNP Multi-Chip General Purpose Amplifier
FFB3906 FAIRCHILD-FFB3906 Datasheet
81Kb / 6P
   PNP Multi-Chip General Purpose Amplifier
FFB2907A FAIRCHILD-FFB2907A_1 Datasheet
90Kb / 7P
   PNP Multi-Chip General Purpose Amplifier
FMBA56 FAIRCHILD-FMBA56 Datasheet
42Kb / 4P
   PNP Multi-Chip General Purpose Amplifier
FJYF2906 FAIRCHILD-FJYF2906 Datasheet
141Kb / 5P
   PNP Multi-Chip General Purpose Amplifier
FMB100 FAIRCHILD-FMB100 Datasheet
44Kb / 3P
   NPN Multi-Chip General Purpose Amplifier
logo
ON Semiconductor
FMBA06 ONSEMI-FMBA06 Datasheet
161Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
1998
logo
Fairchild Semiconductor
BC847BS FAIRCHILD-BC847BS Datasheet
199Kb / 3P
   NPN Multi-chip General Purpose Amplifier
FFB2222A FAIRCHILD-FFB2222A_1 Datasheet
88Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com