Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NBSG53ABAR2 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza NBSG53ABAR2
Descripción Electrónicos  2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG53ABAR2 Datasheet(HTML) 4 Page - ON Semiconductor

  NBSG53ABAR2 Datasheet HTML 1Page - ON Semiconductor NBSG53ABAR2 Datasheet HTML 2Page - ON Semiconductor NBSG53ABAR2 Datasheet HTML 3Page - ON Semiconductor NBSG53ABAR2 Datasheet HTML 4Page - ON Semiconductor NBSG53ABAR2 Datasheet HTML 5Page - ON Semiconductor NBSG53ABAR2 Datasheet HTML 6Page - ON Semiconductor NBSG53ABAR2 Datasheet HTML 7Page - ON Semiconductor NBSG53ABAR2 Datasheet HTML 8Page - ON Semiconductor NBSG53ABAR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NBSG53A
http://onsemi.com
4
Table 5. ATTRIBUTES
Characteristics
Value
Positive Operating Voltage Range for VCC (VEE = 0 V)
2.375 V to 3.465 V
Negative Operating Voltage Range for VEE (VCC = 0 V)
−2.375 V to −3.465 V
Internal Input Pulldown Resistor (R, SEL)
75 k
W
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 1.5 kV
> 50 V
> 4 kV
Moisture Sensitivity (Note 5)
16−FCBGA
16−QFN
Level 3
Level 1
Flammability Rating
UL 94 V−0 @ 0.125 in
Oxygen Index
28 to 34
Transistor Count
482
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
5. For additional information, refer to Application Note AND8003/D.
Table 6. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Units
VCC
Positive Power Supply
VEE = 0 V
3.6
V
VEE
Negative Power Supply
VCC = 0 V
−3.6
V
VI
Positive Input
Negative Input
VEE = 0 V
VCC = 0 V
VI v VCC
VI w VEE
3.6
−3.6
V
V
VINPP
Differential Input Voltage
|D − D|
VCC − VEE w 2.8 V
VCC − VEE <
2.8 V
2.8
|VCC − VEE|
V
V
IIN
Input Current Through RT (50 W Resistor)
Static
Surge
45
80
mA
mA
IOUT
Output Current
Continuous
Surge
25
50
mA
mA
TA
Operating Temperature Range
16 FCBGA
16 QFN
−40 to +70
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
(Note 6)
0 LFPM
500 LFPM
0 LFPM
500 LFPM
16 FCBGA
16 FCBGA
16 QFN
16 QFN
108
86
41.6
35.2
°C/W
°C/W
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
2S2P (Note 6)
2S2P (Note 7)
16 FCBGA
16 QFN
5.0
4.0
°C/W
°C/W
Tsol
Wave Solder
Pb (BGA)
Pb (QFN)
Pb−Free (QFN)
< 15 sec
< 3 sec @ 248
°C
< 3 sec @ 260
°C
225
265
265
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
6. JEDEC standard 51−6, multilayer board − 2S2P (2 signal, 2 power).
7. JEDEC standard multilayer board − 2S2P (2 signal, 2 power) with 8 filled thermal vias under exposed pad.


Número de pieza similar - NBSG53ABAR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NBSG53ABAR2 ONSEMI-NBSG53ABAR2 Datasheet
133Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS
March, 2004 ??Rev. 5
More results

Descripción similar - NBSG53ABAR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NBSG53A ONSEMI-NBSG53A Datasheet
133Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS
March, 2004 ??Rev. 5
MC10EP51 ONSEMI-MC10EP51_06 Datasheet
155Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Reset and Differential Clock
November, 2006 ??Rev. 6
MC100LVEL29 ONSEMI-MC100LVEL29_06 Datasheet
120Kb / 6P
   3.3V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
November, 2006 ??Rev. 5
MC10EP29 ONSEMI-MC10EP29_06 Datasheet
173Kb / 11P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
December, 2006 ??Rev. 4
NBSG53A ONSEMI-NBSG53A_14 Datasheet
167Kb / 17P
   2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider
June, 2014 ??Rev. 15
MC10EP52 ONSEMI-MC10EP52_06 Datasheet
162Kb / 12P
   3.3V / 5V ECL Differential Data and Clock D Flip?묯lop
December, 2006 ??Rev. 6
MC100EL29 ONSEMI-MC100EL29_06 Datasheet
116Kb / 6P
   5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
October, 2006 ??Rev. 4
NLSF1174 ONSEMI-NLSF1174_06 Datasheet
82Kb / 6P
   Hex D Flip?묯lop with Common Clock and Reset
May, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY10EP53V MICREL-SY10EP53V Datasheet
52Kb / 5P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_08 Datasheet
64Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com