Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
NBSG72A Datasheet(PDF) 7 Page - ON Semiconductor |
|
NBSG72A Datasheet(HTML) 7 Page - ON Semiconductor |
7 / 14 page NBSG72A http://onsemi.com 7 Table 9. DC CHARACTERISTICS, NECL INPUT WITH NECL OUTPUT VCC = 0 V; VEE = −3.465 V to −2.375 V (Note 13) Symbol Characteristic −40°C 25°C 85°C Unit Min Typ Max Min Typ Max Min Typ Max IEE Negative Power Supply Current 40 55 65 40 55 65 40 55 65 mA VOH Output HIGH Voltage (Note 14) −1040 −990 −940 −1010 −960 −910 −985 −935 −885 mV VOL Output LOW Voltage (Note 14) −3.465 V v VEE v −3.0 V (OLS = VCC) (OLS = VCC − 0.4 V) (OLS = VCC − 0.8 V, OLS =FLOAT) (OLS = VCC − 1.2 V) **(OLS = VEE) −3.0 V < VEE v −2.375 V (OLS = VCC) (OLS = VCC − 0.4 V) (OLS = VCC − 0.8 V, OLS =FLOAT) (OLS = VCC − 1.2 V) (OLS = VEE) −1980 −1270 −1750 −1040 −1515 −1945 −1265 −1725 −1045 −1495 −1830 −1210 −1630 −990 −1425 −1795 −1205 −1605 −995 −1405 −1680 −1120 −1510 −910 −1305 −1645 −1115 −1485 −915 −1285 −1940 −1235 −1715 −1010 −1480 −1905 −1230 −1690 −1010 −1460 −1790 −1175 −1595 −960 −1390 −1755 −1170 −1570 −960 −1370 −1640 −1085 −1475 −880 −1270 −1605 −1080 −1450 −880 −1250 −1910 −1210 −1685 −985 −1450 −1875 −1205 −1660 −990 −1435 −1760 −1150 −1565 −935 −1360 −1725 −1145 −1540 −940 −1345 −1610 −1060 −1445 −855 −1240 −1575 −1055 −1420 −860 −1225 mV VOUTPP Output Voltage Amplitude −3.465 V v VEE v −3.0 V (OLS = VCC) (OLS = VCC − 0.4 V) (OLS = VCC − 0.8 V, OLS = FLOAT) (OLS = VCC − 1.2 V) **(OLS = VEE) −3.0 V < VEE v −2.375 V (OLS = VCC) (OLS = VCC − 0.4 V) (OLS = VCC − 0.8 V, OLS =FLOAT) (OLS = VCC − 1.2 V) (OLS = VEE) 705 130 535 0 345 670 125 510 0 325 815 220 640 0 435 800 215 615 5 415 695 125 530 0 340 660 120 505 0 320 805 215 635 0 430 795 210 610 0 410 690 125 525 0 335 655 120 500 0 320 800 215 630 0 425 790 210 605 5 410 mV VIH Input HIGH Voltage (Single−Ended) (Note 16) D0, D0, D1, D1 VEE + 1275 VCC − 1000* VCC VEE + 1275 VCC − 1000* VCC VEE + 1275 VCC − 1000* VCC mV VIL Input LOW Voltage (Single−Ended) (Note 17) D0, D0, D1, D1 VIH− 2600 VCC− 1400* VIH− 150 VIH− 2600 VCC− 1400* VIH− 150 VIH− 2600 VCC− 1400* VIH− 150 mV VIHCMR Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 15) VEE+1.2 0.0 VEE+1.2 0.0 VEE+1.2 0.0 V RTIN Internal Input Termination Resistor 45 50 55 45 50 55 45 50 55 W IIH Input HIGH Current (@VIH) 35 100 35 100 35 100 mA IIL Input LOW Current (@VIL) 20 100 20 100 20 100 mA IOLS OLS Input Current (See Figure 9) (OLS = VCC) (OLS = VCC − 0.4 V) (OLS = VCC − 0.8 V, OLS = FLOAT) (OLS = VCC − 1.2 V) −3.0 V < VEE v −2.375 V (OLS = VEE) −3.465 V v VEE v −3.0 V *(OLS = VEE) −300 −1000 −1500 300 100 5 −100 −400 −600 900 300 100 −300 −1000 −1500 300 100 5 −100 −400 −600 900 300 100 −300 −1000 −1500 300 100 5 −100 −400 −600 900 300 100 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. *Typicals used for testing purposes. **When an output level of 400 mV is desired and VCC − VEE > 3.0 V, a 2 kW resistor should be connected from OLS to VEE. 13.Input and output parameters vary 1:1 with VCC. 14.All loading with 50 W to VCC − 2.0 V. 15.VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. 16.VIH cannot exceed VCC. 17.VIL always w VEE. |
Número de pieza similar - NBSG72A |
|
Descripción similar - NBSG72A |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |