Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BYM357X Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza BYM357X
Descripción Electrónicos  Damper-Modulator fast, high-voltage
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYM357X Datasheet(HTML) 5 Page - NXP Semiconductors

  BYM357X Datasheet HTML 1Page - NXP Semiconductors BYM357X Datasheet HTML 2Page - NXP Semiconductors BYM357X Datasheet HTML 3Page - NXP Semiconductors BYM357X Datasheet HTML 4Page - NXP Semiconductors BYM357X Datasheet HTML 5Page - NXP Semiconductors BYM357X Datasheet HTML 6Page - NXP Semiconductors BYM357X Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product specification
Damper-Modulator
BYM357X
fast, high-voltage
Fig.7. Modulator transient thermal impedance
Z
th = f(tp)
Fig.8. Modulator typical and maximum forward
characteristic; I
F = f(VF); parameter Tj
Fig.9. Modulator maximum t
rr measured to 25% of Irrm;
T
j = 25˚C and 150˚C
Fig.10. Damper transient thermal impedance
Z
th = f(tp)
Fig.11. Damper forward characteristic I
F = f(VF);
parameter T
j
1us
10us
100us
1ms
10ms
100ms
1s
10s
0.001
0.01
0.1
1
10
BYV29F
pulse width, tp (s)
Transient thermal impedance, Zth j-hs (K/W)
D =
tp
tp
T
T
P
t
D
1us
10us
100us
1ms
10ms
100ms
1s
10s
0.001
0.01
0.1
1
10
BY359F
pulse width, tp (s)
Transient thermal impedance, Zth j-hs (K/W)
D =
tp
tp
T
T
P
t
D
0
1
2
30
20
10
0
typ
max
IF / A
0.5
1.5
VF / V
Tj=150 C
Tj=25 C
BYW29
0
30
20
10
0
1.0
2.0
IF / A
VF / V
max
typ
Tj=150C
Tj=25C
BY359
trr / ns
10
100
1000
10
100
-diF/dt
1A
10A
Tj = 25 C
Tj = 150 C
February 2000
5
Rev 1.100


Número de pieza similar - BYM357X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BYM357DX PHILIPS-BYM357DX Datasheet
51Kb / 7P
   Damper-Modulator fast, high-voltage
February 2000 Rev 1.100
More results

Descripción similar - BYM357X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BYM357DX PHILIPS-BYM357DX Datasheet
51Kb / 7P
   Damper-Modulator fast, high-voltage
February 2000 Rev 1.100
BYM358DX PHILIPS-BYM358DX Datasheet
54Kb / 7P
   Damper-Modulator fast, high-voltage
March 2000 Rev 1.000
BYM358X PHILIPS-BYM358X Datasheet
50Kb / 7P
   Damper-Modulator fast, high-voltage
March 2000 Rev 1.000
BY329X-1500 PHILIPS-BY329X-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY359F-1500 PHILIPS-BY359F-1500 Datasheet
37Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.300
BY459-1500 PHILIPS-BY459-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY559X-1500U PHILIPS-BY559X-1500U Datasheet
20Kb / 4P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
logo
Frontier Electronics.
BY329X-1500 FRONTIER-BY329X-1500 Datasheet
62Kb / 2P
   DAMPER DIODE FAST , HIGH VOLTAGE
logo
NXP Semiconductors
BY559-1500U PHILIPS-BY559-1500U Datasheet
15Kb / 3P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY459-1500 PHILIPS-BY459-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com