Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD8354-EVAL Datasheet(PDF) 3 Page - Analog Devices |
|
AD8354-EVAL Datasheet(HTML) 3 Page - Analog Devices |
3 / 16 page AD8354 Rev. C | Page 3 of 16 SPECIFICATIONS VS = 3 V, TA = 25°C, 100 nH external inductor between VOUT and VPOS, ZO = 50 Ω, unless otherwise noted. Table 1. Parameter Conditions Min Typ Max Unit OVERALL FUNCTION Frequency Range 1 2700 MHz Gain f = 900 MHz 19.5 dB f = 1.9 GHz 18.6 dB f = 2.7 GHz 17.1 dB Delta Gain f = 900 MHz, −40°C ≤ TA ≤ +85°C −0.97 dB f = 1.9 GHz, −40°C ≤ TA ≤ +85°C −1.05 dB f = 2.7 GHz, −40°C ≤ TA ≤ +85°C −1.33 dB Gain Supply Sensitivity VPOS ± 10%, f = 900 MHz 0.54 dB/V f = 1.9 GHz 0.37 dB/V f = 2.7 GHz 0.2 dB/V Reverse Isolation (S12) f = 900 MHz −33.5 dB f = 1.9 GHz −38 dB f = 2.7 GHz −32.9 dB RF INPUT INTERFACE Pin INPT Input Return Loss f = 900 MHz 24.4 dB f = 1.9 GHz 23 dB f = 2.7 GHz 12.7 dB RF OUTPUT INTERFACE Pin VOUT Output Compression Point f = 900 MHz, 1 dB compression 4.6 dBm f = 1.9 GHz 3.7 dBm f = 2.7 GHz 2.7 dBm Delta Compression Point f = 900 MHz, −40°C ≤ TA ≤ +85°C 0.7 dB f = 1.9 GHz, −40°C ≤ TA ≤ +85°C 0.7 dB f = 2.7 GHz, −40°C ≤ TA ≤ +85°C 0.8 dB Output Return Loss f = 900 MHz 23.6 dB f = 1.9 GHz 16.5 dB f = 2.7 GHz 14.6 dB DISTORTION/NOISE Output Third-Order Intercept f = 900 MHz, ∆f = 1 MHz, PIN = −28 dBm 19 dBm f = 1.9 GHz, ∆f = 1 MHz, PIN = −28 dBm 16 dBm f = 2.7 GHz, ∆f = 1 MHz, PIN = −28 dBm 14.2 dBm Output Second-Order Intercept f = 900 MHz, ∆f = 1 MHz, PIN = −28 dBm 29.7 dBm Noise Figure f = 900 MHz 4.2 dB f = 1.9 GHz 4.8 dB f = 2.7 GHz 5.4 dB POWER INTERFACE Pin VPOS Supply Voltage 2.7 3 3.3 V Total Supply Current 16 23 31 mA Supply Voltage Sensitivity 6.2 mA/V Temperature Sensitivity −40°C ≤ TA ≤ +85°C 33 μA/°C |
Número de pieza similar - AD8354-EVAL |
|
Descripción similar - AD8354-EVAL |