Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD8554ARZ1 Datasheet(PDF) 5 Page - Analog Devices |
|
AD8554ARZ1 Datasheet(HTML) 5 Page - Analog Devices |
5 / 24 page AD8551/AD8552/AD8554 Rev. C | Page 5 of 24 ABSOLUTE MAXIMUM RATINGS Table 3. Parameter Rating Supply Voltage 6 V Input Voltage GND to VS + 0.3 V Differential Input Voltage1 ±5.0 V ESD (Human Body Model) 2000 V Output Short-Circuit Duration to GND Indefinite Storage Temperature Range −65°C to +150°C Operating Temperature Range −40°C to +125°C Junction Temperature Range −65°C to +150°C Lead Temperature Range (Soldering, 60 sec) 300°C 1 Differential input voltage is limited to ±5.0 V or the supply voltage, whichever is less. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. THERMAL CHARACTERISTICS Table 4. Package Type θJA θJC Unit 8-Lead MSOP (RM) 190 44 °C/W 8-Lead TSSOP (RU) 240 43 °C/W 8-Lead SOIC (R) 158 43 °C/W 14-Lead TSSOP (RU) 180 36 °C/W 14-Lead SOIC (R) 120 36 °C/W ESD CAUTION |
Número de pieza similar - AD8554ARZ1 |
|
Descripción similar - AD8554ARZ1 |