Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7400 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD7400
Descripción Electrónicos  Isolated Sigma-Delta Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7400 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7400_06 Datasheet HTML 4Page - Analog Devices AD7400_06 Datasheet HTML 5Page - Analog Devices AD7400_06 Datasheet HTML 6Page - Analog Devices AD7400_06 Datasheet HTML 7Page - Analog Devices AD7400_06 Datasheet HTML 8Page - Analog Devices AD7400_06 Datasheet HTML 9Page - Analog Devices AD7400_06 Datasheet HTML 10Page - Analog Devices AD7400_06 Datasheet HTML 11Page - Analog Devices AD7400_06 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD7400
Rev. A | Page 8 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
AD7400
TOP VIEW
(Not to Scale)
VDD1
VDD2
VIN+
VIN
GND2
GND2
VDD1
GND1
1
2
3
NC 4
NC 5
NC
MCLKOUT
NC
16
15
14
NC 6
7
8
MDAT
NC
11
10
9
13
12
Figure 5. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 7
VDD1
Supply Voltage, 4.5 V to 5.25 V. This is the supply voltage for the isolated side of the AD7400 and
is relative to GND1.
2
VIN+
Positive Analog Input. Specified range of ±200 mV.
3
VIN
Negative Analog Input. Normally connected to GND1.
4 to 6, 10, 12, 15
NC
No Connect.
8
GND1
Ground 1. This is the ground reference point for all circuitry on the isolated side.
9, 16
GND2
Ground 2. This is the ground reference point for all circuitry on the nonisolated side.
11
MDAT
Serial Data Output. The single bit modulator output is supplied to this pin as a serial data stream.
The bits are clocked out on the rising edge of the MCLKOUT output and valid on the following
MCLKOUT rising edge.
13
MCLKOUT
Master Clock Logic Output. 10 MHz typical. The bit stream from the modulator is valid on the rising edge
of MCLKOUT.
14
VDD2
Supply Voltage. 3 V to 5.5 V. This is the supply voltage for the nonisolated side and is relative to GND2.


Número de pieza similar - AD7400_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7400A AD-AD7400A Datasheet
326Kb / 19P
   Isolated Sigma-Delta Modulator
Rev. PrA
AD7400A AD-AD7400A Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
AD7400A AD-AD7400A Datasheet
400Kb / 18P
   Isolated Sigma-Delta Modulator
Rev. E
AD7400AYNSZ AD-AD7400AYNSZ Datasheet
326Kb / 19P
   Isolated Sigma-Delta Modulator
Rev. PrA
AD7400AYNSZREEL AD-AD7400AYNSZREEL Datasheet
326Kb / 19P
   Isolated Sigma-Delta Modulator
Rev. PrA
More results

Descripción similar - AD7400_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. G
AD7401 AD-AD7401 Datasheet
462Kb / 20P
   Isolated Sigma-Delta Modulator
REV. 0
AD7401 AD-AD7401_V01 Datasheet
422Kb / 18P
   Isolated Sigma-Delta Modulator
Rev. F
AD7401A AD-AD7401A Datasheet
436Kb / 20P
   Isolated Sigma-Delta Modulator
REV. 0
AD7401_0612 AD-AD7401_0612 Datasheet
460Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. A
AD7400A AD-AD7400A Datasheet
326Kb / 19P
   Isolated Sigma-Delta Modulator
Rev. PrA
AD7400A AD-AD7400A_V01 Datasheet
400Kb / 18P
   Isolated Sigma-Delta Modulator
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com