Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BYQ60EW-150 Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza BYQ60EW-150
Descripción Electrónicos  Rectifier diodes ultrafast, rugged
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYQ60EW-150 Datasheet(HTML) 4 Page - NXP Semiconductors

  BYQ60EW-150 Datasheet HTML 1Page - NXP Semiconductors BYQ60EW-150 Datasheet HTML 2Page - NXP Semiconductors BYQ60EW-150 Datasheet HTML 3Page - NXP Semiconductors BYQ60EW-150 Datasheet HTML 4Page - NXP Semiconductors BYQ60EW-150 Datasheet HTML 5Page - NXP Semiconductors BYQ60EW-150 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYQ60EW series
ultrafast, rugged
Fig.7. Typical and maximum forward characteristic
I
F = f(VF); parameter Tj
Fig.8. Typical Q
s at Tj = 25 ˚C.
Fig.9. Transient thermal impedance; Z
th j-hs = f(tp).
BYQ60EW
0
5
10
15
20
25
30
35
40
45
50
55
60
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2 1.3
Forward Voltage, VF (V)
Forward Current, IF (A)
Tj = 25 C
Tj = 150 C
typ
max
BYQ60EW
1
10
100
1
10
100
-dIF/dt (A/us)
Qs / nC
IF=5A
IF=2A
IF=1A
BYQ60EW
0.001
0.01
0.1
1
1E-06
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
1E+01
pulse width, tp (s)
Transient Thermal Impedance, Zth j-mb (K/W)
Single pulse
tp
P
t
D
December 1998
4
Rev 1.000


Número de pieza similar - BYQ60EW-150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
WeEn Semiconductors
BYQ60W-600PT2 WEEN-BYQ60W-600PT2 Datasheet
546Kb / 10P
   Ultrafast power diode
BYQ60W-600PT2Q WEEN-BYQ60W-600PT2Q Datasheet
546Kb / 10P
   Ultrafast power diode
More results

Descripción similar - BYQ60EW-150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BYV42E PHILIPS-BYV42E Datasheet
48Kb / 6P
   Rectifier diodes ultrafast, rugged
July 1998 Rev 1.200
BYQ30EX PHILIPS-BYQ30EX Datasheet
48Kb / 6P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
BYQ40EW PHILIPS-BYQ40EW Datasheet
55Kb / 6P
   Rectifier diodes ultrafast, rugged
December 1998 Rev 1.000
BYW29E-100 PHILIPS-BYW29E-100 Datasheet
111Kb / 8P
   Rectifier diodes ultrafast, rugged
August 2001
BYW29E-150127 PHILIPS-BYW29E-150127 Datasheet
111Kb / 8P
   Rectifier diodes ultrafast, rugged
August 2001
BYQ28_SER_E_ED PHILIPS-BYQ28_SER_E_ED_15 Datasheet
74Kb / 10P
   Rectifier diodes ultrafast, rugged
Rev. 04-5 December 2007
BYV79E PHILIPS-BYV79E_15 Datasheet
96Kb / 8P
   Rectifier diodes ultrafast, rugged
July 1998
BYW29EB PHILIPS-BYW29EB_15 Datasheet
121Kb / 9P
   Rectifier diodes ultrafast, rugged
November 1998
BYW29EX PHILIPS-BYW29EX_15 Datasheet
115Kb / 8P
   Rectifier diodes ultrafast, rugged
October 1998
BYV32F PHILIPS-BYV32F Datasheet
54Kb / 7P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.300
BYV72EF PHILIPS-BYV72EF Datasheet
40Kb / 6P
   Rectifier diodes ultrafast, rugged
July 1998 Rev 1.100
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com