Nombre de pieza
         Descripción
SG3525A_05

 Pulse Width Modulator Control Circuit ( 10 Page)


ONSEMI
100% 
Zoom Out Zoom In
 
 4 page
background image
SG3525A
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (VCC = +20 Vdc, TA = Tlow to Thigh [Note 3], unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
REFERENCE SECTION
Reference Output Voltage (TJ = +25°C)
Vref
5.00
5.10
5.20
Vdc
Line Regulation (+8.0 V
≤ VCC ≤ +35 V)
Regline
10
20
mV
Load Regulation (0 mA
≤ IL ≤ 20 mA)
Regload
20
50
mV
Temperature Stability
DVref/DT
20
mV
Total Output Variation Includes Line and Load Regulation over Temperature
DVref
4.95
5.25
Vdc
Short Circuit Current (Vref = 0 V, TJ = +25°C)
ISC
80
100
mA
Output Noise Voltage (10 Hz
≤ f ≤ 10 kHz, TJ = +25°C)
Vn
40
200
mVrms
Long Term Stability (TJ = +125°C) (Note 4)
S
20
50
mV/khr
OSCILLATOR SECTION (Note 5, unless otherwise noted.)
Initial Accuracy (TJ = +25°C)
±2.0
±6.0
%
Frequency Stability with Voltage
(+8.0 V
≤ VCC ≤ +35 V)
Dfosc
DVCC
±1.0
±2.0
%
Frequency Stability with Temperature
Dfosc
DT
±0.3
%
Minimum Frequency (RT = 150 kW, CT = 0.2 mF)
fmin
50
Hz
Maximum Frequency (RT = 2.0 kW, CT = 1.0 nF)
fmax
400
kHz
Current Mirror (IRT = 2.0 mA)
1.7
2.0
2.2
mA
Clock Amplitude
3.0
3.5
V
Clock Width (TJ = +25°C)
0.3
0.5
1.0
ms
Sync Threshold
1.2
2.0
2.8
V
Sync Input Current (Sync Voltage = +3.5 V)
1.0
2.5
mA
ERROR AMPLIFIER SECTION (VCM = +5.1 V)
Input Offset Voltage
VIO
2.0
10
mV
Input Bias Current
IIB
1.0
10
mA
Input Offset Current
IIO
1.0
mA
DC Open Loop Gain (RL ≥ 10 MW)
AVOL
60
75
dB
Low Level Output Voltage
VOL
0.2
0.5
V
High Level Output Voltage
VOH
3.8
5.6
V
Common Mode Rejection Ratio (+1.5 V
≤ VCM ≤ +5.2 V)
CMRR
60
75
dB
Power Supply Rejection Ratio (+8.0 V
≤ VCC ≤ +35 V)
PSRR
50
60
dB
PWM COMPARATOR SECTION
Minimum Duty Cycle
DCmin
0
%
Maximum Duty Cycle
DCmax
45
49
%
Input Threshold, Zero Duty Cycle (Note 5)
Vth
0.6
0.9
V
Input Threshold, Maximum Duty Cycle (Note 5)
Vth
3.3
3.6
V
Input Bias Current
IIB
0.05
1.0
mA
3. Tlow = 0°
Thigh = +70°C
4. Since long term stability cannot be measured on each device before shipment, this specification is an engineering estimate of average
stability from lot to lot.
5. Tested at fosc = 40 kHz (RT = 3.6 kW, CT = 0.01 mF, RD = 0 W).
1  2  3  4  5  6  7  8  9  10 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
TL594Precision Switchmode Pulse Width Modulation Control Circuit 1 2 3 4 5 MoreON Semiconductor
U8803PIR INFRARED REMOTE CONTROL CIRCUIT 1 2 3 4 5 MoreUnisonic Technologies
MC1374TV MODULATOR CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
MV1820Video Programme Delivery Control Interface Circuit 1 2 3 4 5 MoreZarlink Semiconductor Inc
TDA3507Video control combination circuit with automatic cut-off control 1 2 3 4 5 MoreNXP Semiconductors
AN7381Tone Control Circuit 1 2 3 4 Panasonic Semiconductor
UPC1158H2LOW NOISE PREAMPLIFIER WITH AUTOMATIC LEVEL CONTROL SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreNEC
TL494_05VOLTAGE MODE PWM CONTROL CIRCUIT 1 2 3 4 5 MoreUnisonic Technologies
TL594PULSE-WIDTH-MODULATION CONTROL CIRCUIT 1 2 3 4 5 MoreUnisonic Technologies
TL1454ADUAL-CHANNEL PULSE-WIDTH-MODULATION PWM CONTROL CIRCUIT 1 2 3 4 5 MoreTexas Instruments

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl