|
| SG3526_06 |
|
||
|
ONSEMI |
|
6 page
SG3526 http://onsemi.com 6 Figure 8. VC Saturation Voltage as a Function of Sink Current Figure 9. Oscillator Period Figure 10. Error Amplifier Figure 11. Undervoltage Lockout Figure 12. Pulse Processing Logic The metering Flip−Flop is an asynchronous data latch which suppresses high frequency oscillations by allowing only one PWM pulse per oscillator cycle. The memory Flip−Flop prevents double pulsing in a push−pull configuration by remembering which output produced the last pulse. 2.0 5.0 10 20 50 100 200 IC, SINK CURRENT (mA) OSCILLATOR PERIOD (ms) RD = 0 Ω VCC Q6 Q5 Vref 125 μA Q3 Q4 50 μA Q8 Q9 500 1.0k Q2 1 + Error − Error Q10 3 Compensation Q12 Q11 Q7 50 μA 14 μA Q1 1.0k 500 100 μA 14 μA 100 μA 100 μA Vref R1 1.2V Bandgap Reference R2 + − To Reset To Driver A To Driver B Metering F/F S D Q Q Q R S Clock PWM PWM Sync Memory F/F 2.5 2.0 1.5 1.0 0.5 0 200 100 50 20 10 5.0 2.0 |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| TL594 | Precision Switchmode Pulse Width Modulation Control Circuit | 1 2 3 4 5 More | ON Semiconductor |
| SG3525A_05 | Pulse Width Modulator Control Circuit | 1 2 3 4 5 More | ON Semiconductor |
| U8803 | PIR INFRARED REMOTE CONTROL CIRCUIT | 1 2 3 4 5 More | Unisonic Technologies |
| MV1820 | Video Programme Delivery Control Interface Circuit | 1 2 3 4 5 More | Zarlink Semiconductor Inc |
| TDA3507 | Video control combination circuit with automatic cut-off control | 1 2 3 4 5 More | NXP Semiconductors |
| AN7381 | Tone Control Circuit | 1 2 3 4 | Panasonic Semiconductor |
| UPC1158H2 | LOW NOISE PREAMPLIFIER WITH AUTOMATIC LEVEL CONTROL SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT | 1 2 3 4 5 More | NEC |
| TL494_05 | VOLTAGE MODE PWM CONTROL CIRCUIT | 1 2 3 4 5 More | Unisonic Technologies |
| TL594 | PULSE-WIDTH-MODULATION CONTROL CIRCUIT | 1 2 3 4 5 More | Unisonic Technologies |
| TL1454A | DUAL-CHANNEL PULSE-WIDTH-MODULATION PWM CONTROL CIRCUIT | 1 2 3 4 5 More | Texas Instruments |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |