Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TIP100 Datasheet(PDF) 4 Page - ON Semiconductor |
|
TIP100 Datasheet(HTML) 4 Page - ON Semiconductor |
4 / 7 page TIP100, TIP101, TIP102 (NPN); TIP105, TIP106, TIP107 (PNP) http://onsemi.com 4 Figure 2. Switching Times Test Circuit 5.0 0.1 Figure 3. Switching Times IC, COLLECTOR CURRENT (AMP) 2.0 1.0 0.5 0.05 0.2 0.3 0.5 0.7 1.0 2.0 3.0 10 0.3 0.7 PNP NPN tf tr ts td @ VBE(off) = 0 V V2 approx +8.0 V V1 approx −12 V tr, tf ≤ 10 ns DUTY CYCLE = 1.0% 25 ms 0 RB 51 D1 +4.0 V VCC −30 V RC TUT ≈ 8.0 k ≈ 120 SCOPE for td and tr, D1 is disconnected and V2 = 0 For NPN test circuit reverse all polarities. RB & RC VARIED TO OBTAIN DESIRED CURRENT LEVELS D1, MUST BE FAST RECOVERY TYPE, eg: 1N5825 USED ABOVE IB ≈ 100 mA MSD6100 USED BELOW IB ≈ 100 mA VCC = 30 V IC/IB = 250 IB1 = IB2 TJ = 25°C 3.0 0.2 0.1 0.07 5.0 7.0 Figure 4. Thermal Response t, TIME (ms) 1.0 0.01 0.01 0.5 0.2 0.1 0.05 0.02 0.05 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100 200 1.0 k 500 ZqJC(t) = r(t) RqJC RqJC = 1.56°C/W MAX D CURVES APPLY FOR POWER PULSE TRAIN SHOWN READ TIME AT t1 TJ(pk) − TC = P(pk) ZqJC(t) P(pk) t1 t2 DUTY CYCLE, D = t1/t2 D = 0.5 0.2 0.05 0.02 0.01 SINGLE PULSE 0.1 0.7 0.3 0.07 0.03 0.02 20 1.0 Figure 5. Active−Region Safe Operating Area VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS) 10 5.0 2.0 1.0 0.02 2.0 5.0 20 50 100 BONDING WIRE LIMITED THERMALLY LIMITED @ TC = 25°C 0.5 TJ = 150°C d- c 1ms 100 ms 0.2 0.1 10 TIP100, TIP105 TIP101, TIP106 TIP102, TIP107 0.05 SECOND BREAKDOWN LIMITED CURVES APPLY BELOW RATED VCEO 5ms There are two limitations on the power handling ability of a transistor: average junction temperature and second breakdown. Safe operating area curves indicate IC − VCE limits of the transistor that must be observed for reliable operation; i.e., the transistor must not be subjected to greater dissipation than the curves indicate. The data of Figure 5 is based on TJ(pk) = 150_C; TC is variable depending on conditions. Second breakdown pulse limits are valid for duty cycles to 10% provided TJ(pk) < 150 _C. TJ(pk) may be calculated from the data in Figure 4. At high case temperatures, thermal limitations will reduce the power that can be handled to values less than the limitations imposed by second breakdown |
Número de pieza similar - TIP100 |
|
Descripción similar - TIP100 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |