Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC3845N Datasheet(PDF) 9 Page - ON Semiconductor

No. de pieza UC3845N
Descripción Electrónicos  High Performance Current Mode Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC3845N Datasheet(HTML) 9 Page - ON Semiconductor

Back Button UC3845N Datasheet HTML 5Page - ON Semiconductor UC3845N Datasheet HTML 6Page - ON Semiconductor UC3845N Datasheet HTML 7Page - ON Semiconductor UC3845N Datasheet HTML 8Page - ON Semiconductor UC3845N Datasheet HTML 9Page - ON Semiconductor UC3845N Datasheet HTML 10Page - ON Semiconductor UC3845N Datasheet HTML 11Page - ON Semiconductor UC3845N Datasheet HTML 12Page - ON Semiconductor UC3845N Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
UC3844, UC3845, UC2844, UC2845
http://onsemi.com
9
Undervoltage Lockout
Two undervoltage lockout comparators have been
incorporated to guarantee that the IC is fully functional
before the output stage is enabled. The positive power
supply terminal (VCC and the reference output (Vref) are
each monitored by separate comparators. Each has built−in
hysteresis to prevent erratic output behavior as their
respective thresholds are crossed. The VCC comparator
upper and lower thresholds are 16 V/10 V for the UCX844,
and 8.4 V/7.6 V for the UCX845. The Vref comparator upper
and lower thresholds are 3.6 V/3/4 V. The large hysteresis
and low startup current of the UCX844 makes it ideally
suited in off−line converter applications where efficient
bootstrap startup techniques later required (Figure 30). The
UCX845 is intended for lower voltage DC−to−DC converter
applications. A 36 V zener is connected as a shunt regulator
from VCC to ground. Its purpose is to protect the IC from
excessive voltage that can occur during system startup. The
minimum operating voltage for the UCX844 is 11 V and
8.2 V for the UCX845.
Output
These devices contain a single totem pole output stage that
was specifically designed for direct drive of power
MOSFETs. It is capable of up to ±1.0 A peak drive current
and has a typical rise and fall time of 50 ns with a 1.0 nF load.
Additional internal circuitry has been added to keep the
Output in a sinking mode whenever and undervoltage
lockout is active. This characteristic eliminates the need for
an external pull−down resistor.
The SOIC−14 surface mount package provides separate
pins for VC (output supply) and Power Ground. Proper
implementation will significantly reduce the level of
switching transient noise imposed on the control circuitry.
This becomes particularly useful when reducing the Ipk(max)
clamp level. The separate VC supply input allows the
designer added flexibility in tailoring the drive voltage
independent of VCC. A zener clamp is typically connected
to this input when driving power MOSFETs in systems
where VCC is greater the 20 V. Figure 23 shows proper
power and control ground connections in a current sensing
power MOSFET application.
Reference
The 5.0 V bandgap reference is trimmed to ± 1.0%
tolerance at TJ = 25°C on the UC284X, and ±2.0% on the
UC384X. Its primary purpose is to supply charging current
to the oscillator timing capacitor. The reference has short
circuit protection and is capable of providing in excess of
20 mA for powering additional control system circuitry.
Design Considerations
Do not attempt to construct the converter on
wire−wrap or plug−in prototype boards. High frequency
circuit layout techniques are imperative to prevent
pulsewidth jitter. This is usually caused by excessive noise
pick−up imposed on the Current Sense or Voltage Feedback
inputs. Noise immunity can be improved by lowering circuit
impedances at these points. The printed circuit layout should
contain a ground plane with low−current signal and
high−current switch and output grounds returning on
separate paths back to the input filter capacitor. Ceramic
bypass capacitors (0.1
mF) connected directly to VCC, VC,
and Vref may be required depending upon circuit layout.
This provides a low impedance path for filtering the high
frequency noise. All high current loops should be kept as
short as possible using heavy copper runs to minimize
radiated EMI. The Error Amp compensation circuitry and
the converter output voltage divider should be located close
to the IC and as far as possible from the power switch and
other noise generating components.
External
Sync
Input
Figure 18. External Clock Synchronization
Figure 19. External Duty Cycle Clamp and
Multi−Unit Synchronization
The diode clamp is required if the Sync amplitude is large enough to
cause the bottom side of CT to go more than 300 mV below ground.
47
5(9)
R
R
Bias
OSC
Vref
RT
8(14)
4(7)
2(3)
1(1)
0.01
CT
2R
R
EA
+
+
5(9)
R
R
Bias
OSC
8(14)
4(7)
2(3)
1(1)
2R
R
EA
+
+
7
5.0k
3
8
6
5
1
C
R
S
MC1455
2
RA
+
+
4
Q
5.0k
RB
To
Additional
UCX84XA’s
f =
1.44
(RA + 2RB)C
Dmax =
RB
RA + 2RB


Número de pieza similar - UC3845N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
UC3845N MOTOROLA-UC3845N Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3845N ONSEMI-UC3845N Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
logo
STMicroelectronics
UC3845N STMICROELECTRONICS-UC3845N Datasheet
96Kb / 11P
   CURRENTMODE PWM CONTROLLER
logo
Fairchild Semiconductor
UC3845N FAIRCHILD-UC3845N Datasheet
127Kb / 12P
   SMPS Controller
logo
Texas Instruments
UC3845N TI-UC3845N Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
More results

Descripción similar - UC3845N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com