Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UC3842BDR2G Datasheet(PDF) 3 Page - ON Semiconductor |
|
UC3842BDR2G Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 21 page UC3842B, UC3843B, UC2842B, UC2843B, NCV3843BV http://onsemi.com 3 ELECTRICAL CHARACTERISTICS (VCC = 15 V [Note 1], RT = 10 k, CT = 3.3 nF. For typical values TA = 25°C, for min/max values TA is the operating ambient temperature range that applies [Note 2], unless otherwise noted.) UC284XB UC384XB, XBV Characteristics Symbol Min Typ Max Min Typ Max Unit REFERENCE SECTION Reference Output Voltage (IO = 1.0 mA, TJ = 25°C) Vref 4.95 5.0 5.05 4.9 5.0 5.1 V Line Regulation (VCC = 12 V to 25 V) Regline − 2.0 20 − 2.0 20 mV Load Regulation (IO = 1.0 mA to 20 mA) Regload − 3.0 25 − 3.0 25 mV Temperature Stability TS − 0.2 − − 0.2 − mV/ °C Total Output Variation over Line, Load, and Temperature Vref 4.9 − 5.1 4.82 − 5.18 V Output Noise Voltage (f = 10 Hz to 10 kHz, TJ = 25°C) Vn − 50 − − 50 − mV Long Term Stability (TA = 125°C for 1000 Hours) S − 5.0 − − 5.0 − mV Output Short Circuit Current ISC −30 −85 −180 −30 −85 −180 mA OSCILLATOR SECTION Frequency TJ = 25°C TA = Tlow to Thigh TJ = 25°C (RT = 6.2 k, CT = 1.0 nF) fOSC 49 48 225 52 − 250 55 56 275 49 48 225 52 − 250 55 56 275 kHz Frequency Change with Voltage (VCC = 12 V to 25 V) DfOSC/DV − 0.2 1.0 − 0.2 1.0 % Frequency Change with Temperature, TA = Tlow to Thigh DfOSC/DT − 1.0 − − 0.5 − % Oscillator Voltage Swing (Peak−to−Peak) VOSC − 1.6 − − 1.6 − V Discharge Current (VOSC = 2.0 V) TJ = 25°C, TA = Tlow to Thigh UC284XB, UC384XB TA = Tlow to Thigh UC384XBV Idischg 7.8 7.5 − 8.3 − − 8.8 8.8 − 7.8 7.6 7.2 8.3 − − 8.8 8.8 8.8 mA ERROR AMPLIFIER SECTION Voltage Feedback Input (VO = 2.5 V) VFB 2.45 2.5 2.55 2.42 2.5 2.58 V Input Bias Current (VFB = 5.0 V) IIB − − 0.1 −1.0 − − 0.1 − 2.0 mA Open Loop Voltage Gain (VO = 2.0 V to 4.0 V) AVOL 65 90 − 65 90 − dB Unity Gain Bandwidth (TJ = 25°C) BW 0.7 1.0 − 0.7 1.0 − MHz Power Supply Rejection Ratio (VCC = 12 V to 25 V) PSRR 60 70 − 60 70 − dB Output Current Sink (VO = 1.1 V, VFB = 2.7 V) Source (VO = 5.0 V, VFB = 2.3 V) ISink ISource 2.0 − 0.5 12 −1.0 − − 2.0 − 0.5 12 −1.0 − − mA Output Voltage Swing High State (RL = 15 k to ground, VFB = 2.3 V) Low State (RL = 15 k to Vref, VFB = 2.7 V) UC284XB, UC384XB UC384XBV VOH VOL 5.0 − − 6.2 0.8 − − 1.1 − 5.0 − − 6.2 0.8 0.8 − 1.1 1.2 V CURRENT SENSE SECTION Current Sense Input Voltage Gain (Notes 3 and 4) UC284XB, UC384XB UC384XBV AV 2.85 − 3.0 − 3.15 − 2.85 2.85 3.0 3.0 3.15 3.25 V/V Maximum Current Sense Input Threshold (Note 3) UC284XB, UC384XB UC384XBV Vth 0.9 − 1.0 − 1.1 − 0.9 0.85 1.0 1.0 1.1 1.1 V Power Supply Rejection Ratio (VCC = 12 V to 25 V, Note 3) PSRR − 70 − − 70 − dB Input Bias Current IIB − − 2.0 −10 − − 2.0 −10 mA Propagation Delay (Current Sense Input to Output) tPLH(In/Out) − 150 300 − 150 300 ns 1. Adjust VCC above the Startup threshold before setting to 15 V. 2. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible. Tlow = 0°C for UC3842B, UC3843B; −25°C for UC2842B, UC2843B; −40°C for UC3842BV, UC3843BV Thigh = +70°C for UC3842B, UC3843B; +85°C for UC2842B, UC2843B; +105°C for UC3842BV, UC3843BV NCV3843BV: Tlow = −40°C, Thigh = +105°C. Guaranteed by design. NCV prefix is for automotive and other applications requiring site and change control. 3. This parameter is measured at the latch trip point with VFB = 0 V. 4. Comparator gain is defined as: AV D V Output Compensation DV Current Sense Input |
Número de pieza similar - UC3842BDR2G |
|
Descripción similar - UC3842BDR2G |