Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8375ACPZ-REEL7 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD8375ACPZ-REEL7
Descripción Electrónicos  24dB Range, 1dB Step Size Programmable VGA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8375ACPZ-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  AD8375ACPZ-REEL7 Datasheet HTML 1Page - Analog Devices AD8375ACPZ-REEL7 Datasheet HTML 2Page - Analog Devices AD8375ACPZ-REEL7 Datasheet HTML 3Page - Analog Devices AD8375ACPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD8375ACPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8375ACPZ-REEL7 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Preliminary Technical Data
AD8375
Rev. PrB | Page 5 of 6
PIN CONFIGURATION AND FUNCTIONAL DESCRIPTIONS
Figure 2. 24 Lead LFCSP
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VCOM
Common Mode Pin. Typically bypassed to ground using external capacitor.
2
VIN+
Voltage Input Positive.
3
VIN-
Voltage Input Negative.
4
A4
The Most Significant Bit (MSB) for the 5-bit Gain Control Interface.
5
A3
MSB-1 for the Gain Control Interface.
6
A2
MSB-2 for the Gain Control Interface.
7
A1
LSB+1 for the Gain Control Interface.
8
A0
The Least Significant Bit (LSB) for the 5-bit Gain Control Interface.
9, 10,12, 13,
23
VPOS
Positive Supply Pins. Should be bypassed to Ground using suitable bypass capacitor.
11, 14, 20,
21, 22, 24
COMM
Device Common (DC Ground).
15, 17
VOUT+
Positive Ouptut Pins (Open Collector). Require DC bias of +5V nominal.
16, 18
VOUT-
Negative Ouptut Pins (Open Collector). Require DC bias of +5V nominal.
19
PWUP
Chip Enable Pin.


Número de pieza similar - AD8375ACPZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8375ACPZ-R7 AD-AD8375ACPZ-R7 Datasheet
792Kb / 24P
   Ultralow Distortion IF VGA
REV. 0
AD8375ACPZ-R7 AD-AD8375ACPZ-R7 Datasheet
735Kb / 24P
   Ultralow Distortion IF VGA
More results

Descripción similar - AD8375ACPZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8372 AD-AD8372 Datasheet
724Kb / 16P
   41 dB Range, 1 dB Step Size, Programmable Dual VGA
REV. 0
AD8372 AD-AD8372_15 Datasheet
555Kb / 16P
   41 dB Range, 1 dB Step Size, Programmable Dual VGA
REV. B
AD8372 AD-AD8372_17 Datasheet
751Kb / 16P
   Programmable Dual VGA
logo
RF Micro Devices
RFDA0035 RFMD-RFDA0035 Datasheet
895Kb / 11P
   DIGITAL CONTROLLED IF DUAL VGA 5 BIT 1dB LSB CONTROL
logo
Analog Devices
ADL5205 AD-ADL5205 Datasheet
1Mb / 32P
   Dual, 35 dB Range, 1 dB Step Size DGA
ADL5331 AD-ADL5331_17 Datasheet
693Kb / 15P
   VGA with Gain Control Range
ADL5330 AD-ADL5330_17 Datasheet
678Kb / 24P
   VGA with Gain Control Range
logo
Agilent(Hewlett-Packard...
84904K HP-84904K Datasheet
137Kb / 8P
   Programmable Step Attenuators
logo
Linear Technology
LTC6412 LINER-LTC6412 Datasheet
758Kb / 24P
   800MHz, 31dB Range Analog-Controlled VGA
LTC6412 LINER-LTC6412_15 Datasheet
498Kb / 24P
   800MHz, 31dB Range Analog-Controlled VGA
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com