Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC-155B2M1MUH Datasheet(PDF) 4 Page - Delta Electronics, Inc.

No. de pieza LC-155B2M1MUH
Descripción Electrónicos  155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DELTA [Delta Electronics, Inc.]
Página de inicio  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LC-155B2M1MUH Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  LC-155B2M1MUH Datasheet HTML 1Page - Delta Electronics, Inc. LC-155B2M1MUH Datasheet HTML 2Page - Delta Electronics, Inc. LC-155B2M1MUH Datasheet HTML 3Page - Delta Electronics, Inc. LC-155B2M1MUH Datasheet HTML 4Page - Delta Electronics, Inc. LC-155B2M1MUH Datasheet HTML 5Page - Delta Electronics, Inc. LC-155B2M1MUH Datasheet HTML 6Page - Delta Electronics, Inc. LC-155B2M1MUH Datasheet HTML 7Page - Delta Electronics, Inc. LC-155B2M1MUH Datasheet HTML 8Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LC-155Bxxxxxx
DELTA ELECTRONICS, INC.
4
www.deltaww.com
Aug., 2006
Rev.:0D
Recommend Circuit Schematic:
Laser Diode
Photo-diode
1uH
1uH
0.1uF
10uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
10uF
100 ohm*
SerDes IC
3.3V
DELTA SFF Module
Preamp &
Tx_Disable
Quantizer
TD+
TD -
VeeT
RD+
RD -
Rx_SD
VeeR
VccT
VccR
Laser Driver
* Depands on SerDes IC used
150 ohm
150 ohm
50 ohm TXL
50 ohm TXL
50 ohm TXL
50 ohm TXL
SD
TxDis
82ohm
82ohm
130ohm
130 ohm
VccT
Note:
1.
270 Ohm (3.3V), 510 Ohm (5V) SD Output pull-down resisters required for LVPECL SD Output.
2.
No connected for TTL SD Output.


Número de pieza similar - LC-155B2M1MUH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Delta Electronics, Inc.
LC-155B2M1 DELTA-LC-155B2M1 Datasheet
187Kb / 6P
   155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
LC-155B2M1T DELTA-LC-155B2M1T Datasheet
187Kb / 6P
   155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
More results

Descripción similar - LC-155B2M1MUH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Delta Electronics, Inc.
LC-155B DELTA-LC-155B Datasheet
187Kb / 6P
   155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
LC-155A2H1 DELTA-LC-155A2H1 Datasheet
146Kb / 8P
   155Mbps 2x5 SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155B DELTA-OPT-155B Datasheet
108Kb / 5P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155B1J1RA DELTA-OPT-155B1J1RA Datasheet
113Kb / 7P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155A1H1RA DELTA-OPT-155A1H1RA Datasheet
143Kb / 8P
   155Mbps 1x9 SC/ST Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
List of Unclassifed Man...
OPT-155A2H1 ETC-OPT-155A2H1 Datasheet
102Kb / 5P
   155Mbps, 2Km, 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5961ALZ AVAGO-HFBR-5961ALZ Datasheet
418Kb / 13P
   Multimode Small Form Factor (SFF) Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1 with LC connector
logo
Delta Electronics, Inc.
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
   RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LC-200A4H1M DELTA-LC-200A4H1M Datasheet
116Kb / 8P
   2x5 Small Form Factor 1310nm Transceiver for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com