Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BZW03-C12 Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza BZW03-C12
Descripción Electrónicos  Voltage regulator diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZW03-C12 Datasheet(HTML) 7 Page - NXP Semiconductors

  BZW03-C12 Datasheet HTML 1Page - NXP Semiconductors BZW03-C12 Datasheet HTML 2Page - NXP Semiconductors BZW03-C12 Datasheet HTML 3Page - NXP Semiconductors BZW03-C12 Datasheet HTML 4Page - NXP Semiconductors BZW03-C12 Datasheet HTML 5Page - NXP Semiconductors BZW03-C12 Datasheet HTML 6Page - NXP Semiconductors BZW03-C12 Datasheet HTML 7Page - NXP Semiconductors BZW03-C12 Datasheet HTML 8Page - NXP Semiconductors BZW03-C12 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
1996 May 14
7
Philips Semiconductors
Product specification
Voltage regulator diodes
BZW03 series
GRAPHICAL DATA
Fig.2
Maximum total power dissipation as a
function of temperature.
Solid line: tie-point temperature; lead length = 10 mm.
Dotted line: ambient temperature; device mounted as
shown in Fig.6.
handbook, halfpage
0
200
6
0
2
4
MBH447
Ptot
(W)
100
T (
°C)
Tj =25 °C prior to surge.
Fig.3
Maximum non-repetitive peak reverse
power dissipation as a function of pulse
duration (square pulse).
handbook, halfpage
10−2
10
102
103
104
10−1
1tp (ms)
PZSM
(W)
10
MBH448
Tj =25 °C prior to surge.
For definition of exponential pulse see Fig.7.
Fig.4
Maximum non-repetitive peak reverse
power dissipation as a function of pulse
duration (exponential pulse).
handbook, halfpage
10−2
102
103
104
10−1
1t2 (ms)
PRSM
(W)
10
MBH449
Tj =25 °C.
Fig.5
Forward current as a function of forward
voltage; typical values.
handbook, halfpage
02
6
0
2
4
MBH450
IF
(A)
1
VF (V)


Número de pieza similar - BZW03-C12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
BZW03 VISHAY-BZW03 Datasheet
122Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Apr-05
BZW03 VISHAY-BZW03 Datasheet
101Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
logo
New Jersey Semi-Conduct...
BZW03 NJSEMI-BZW03 Datasheet
269Kb / 3P
   Zener Diodes with Surge Current Specification
logo
Vishay Siliconix
BZW03C VISHAY-BZW03C Datasheet
64Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
BZW03C10 VISHAY-BZW03C10 Datasheet
64Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
More results

Descripción similar - BZW03-C12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com