Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLA7076M Datasheet(PDF) 1 Page - Allegro MicroSystems

No. de pieza SLA7076M
Descripción Electrónicos  Motor Driver IC Family
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALLEGRO [Allegro MicroSystems]
Página de inicio  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SLA7076M Datasheet(HTML) 1 Page - Allegro MicroSystems

  SLA7076M Datasheet HTML 1Page - Allegro MicroSystems SLA7076M Datasheet HTML 2Page - Allegro MicroSystems SLA7076M Datasheet HTML 3Page - Allegro MicroSystems SLA7076M Datasheet HTML 4Page - Allegro MicroSystems SLA7076M Datasheet HTML 5Page - Allegro MicroSystems SLA7076M Datasheet HTML 6Page - Allegro MicroSystems SLA7076M Datasheet HTML 7Page - Allegro MicroSystems SLA7076M Datasheet HTML 8Page - Allegro MicroSystems SLA7076M Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Sanken Power Devices
from Allegro MicroSystems
SLA7075M, SLA7076M,
SLA7077M, and SLA7078M
Motor Driver IC Family
The SLA7075M, SLA7076M, SLA7077M, and SLA7078M motor driver
ICs feature 2-phase stepper unipolar drivers. The clock-in type input interface
allows simplified control logic, and options for built-in sense current detection
and load circuit short or open protection (patent pending) provide lower loss,
and lower thermal resistance. All products in the SLA7070M series are pin-
compatibile, supporting rapid design of application variants.
The built-in excitation distribution circuit (sequencer) allows motor control
using only the CLOCK signal for simple operations (rotate/stop), with motor
speed control by frequency input into CLOCK pin. This eliminates logic signal
lines required for conventional phase-input methods, and reduces demand on
heavily-used CPUs.
Contact Allegro® for application information and additional information on
device performance and logic.
Features
Power supply voltages, VBB: 46 V(max.), 10 to 44 V normal operating range
Logic supply voltages, VDD: 3.0 to 5.5 V
Maximum output currents: 1 A, 1.5 A, 2 A, 3 A
Built-in sequencer
Simplified clock-in stepping control
Microstepping at full-, half-, quarter-, eighth-, and sixteenth-steps
Built-in sense resistor, RSInt
All variants are pin-compatible for enhanced design flexibility
ZIP type 23-pin molded package (SLA package)
Self-excitation PWM current control with fixed off-time; off-time adjusted
automatically by step reference current ratio (3 levels)
Built-in synchronous rectifying circuit reduces losses at PWM off
Synchronous PWM chopping function prevents motor noise in Hold mode
Sleep mode for reducing the IC input current in stand-by state
Built-in protection circuitry against motor coil opens/shorts option available
FEATURES AND BENEFITS
ABSOLUTE MAXIMUM RATINGS
AT TA = 25°C
Load (Motor) Supply Voltage, VM .........46 V
Main Power Supply Voltage, VBB..........46 V
Logic Supply Voltage, VDD ...........................7 V
Output Current, IOUT
SLA7075M .................................1.0 A
SLA7076M .................................1.5 A
SLA7077M .................................2.0 A
SLA7078M .................................3.0 A
Logic Input Voltage, VIN
.............................. –0.3 to VDD+0.3 V
REF Input Voltage, VREF
............................................–0.3 to VDD+0.3 V
Sense Voltage, VSInt
tw < 1 μs is not considered.......... ±2 V
Power Dissipation, PD
Without heat sink ...................... 4.7 W
Junction Temperature, TJ.......................150°C
Ambient Temperature, TA.......–20 to 85°C
Storage Temperature, Tstg ...–30 to 150°C


Número de pieza similar - SLA7076M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SLA7076MR SANKEN-SLA7076MR Datasheet
66Kb / 2P
   2-Phase to 4W 1-2 Phase Excitation Support, Built-in Sequencer
More results

Descripción similar - SLA7076M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
SLA7070M ALLEGRO-SLA7070M Datasheet
350Kb / 12P
   Motor Driver IC Family
logo
Sanyo Semicon Device
LV8414CS SANYO-LV8414CS Datasheet
455Kb / 10P
   Microstep Driver Motor Driver IC
LV8414CS SANYO-LV8414CS_12 Datasheet
311Kb / 36P
   Microstep Driver Motor Driver IC
logo
Toshiba Semiconductor
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
   DC MOTOR DRIVER IC
TA7774P TOSHIBA-TA7774P Datasheet
333Kb / 11P
   STEPPING MOTOR DRIVER IC
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Texas Instruments
DRV8814 TI-DRV8814_15 Datasheet
844Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
logo
Toshiba Semiconductor
TB6608FNG TOSHIBA-TB6608FNG Datasheet
748Kb / 30P
   Stepping Motor Driver IC
logo
Micro Analog systems
MAS6012 MAS-MAS6012 Datasheet
93Kb / 9P
   Stepper Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com