Nombre de pieza
         Descripción
AS78XX_07

 1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR ( 15 Page)


BCDSEMI
100% 
Zoom Out Zoom In
 6 page
background image
1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
AS78XX
Data Sheet
6
Mar. 2007 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
TJ=25
oC
4.9
5
5.1
V
IOUT=5mA to 1A, VIN=7.5V to 20V,
PD≤15W
4.8
5.2
Line Regulation
VRLINE
VIN=7.5V to 20V, IOUT=1A, TJ=25
oC
750
mV
Load Regulation
VRLOAD
VIN=10V, IOUT=5mA to 1A, TJ=25
oC
25
100
mV
Quiescent Current
IQ
VIN=10V, IOUT=0
3.2
6
mA
Quiescent Current Change
∆I
Q
VIN=8V to 25V, IOUT=500mA, TJ=25
oC
0.3
0.8
mA
IOUT=5mA to 1A, TJ=25
oC
0.08
0.5
Ripple Rejection
PSRR
VIN=8V to 18V, f=120Hz, IOUT=500mA
73
dB
Dropout Voltage
VDROP
∆V
OUT=1%, IOUT=1A, TJ=25
oC
2V
Output Noise Voltage
NO
f=10Hz to 100kHz, TA=25
oC
10
µV/V
O
Output Resistance
RO
f=1kHz
10
m
Short Circuit Current
ISC
VIN=35V, TA=25
oC
0.2
A
Peak Output Current
IPK
VIN=10V, TJ=25
oC
2.2
A
Output Voltage
Temperature Coefficient
∆V
OUT/∆T
0.4
mV/oC
(
∆V
OUT/VOUT)/∆T
80
ppm/oC
Electrical Characteristics
AS7805 (VIN=10V, IOUT=1A, TJ=-40 to 125
oC, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
TJ=25
oC
7.84
8
8.16
V
IOUT=5mA to 1A, VIN=10.6V to 23V,
PD≤15W
7.7
8.3
Line Regulation
VRLINE
VIN=10.6V to 23V, IOUT=1A, TJ=25
oC
12
80
mV
Load Regulation
VRLOAD
VIN=14V, IOUT=5mA to 1A, TJ=25
oC
25
100
mV
Quiescent Current
IQ
VIN=14V, IOUT=0
3.2
6
mA
Quiescent Current Change
∆I
Q
VIN=8V to 25V, IOUT=500mA, TJ=25
oC
0.08
0.4
mA
IOUT=5mA to 1A, TJ=25
oC
0.1
0.5
Ripple Rejection
PSRR
VIN=11.5V to 21.5V, f=120Hz,
IOUT=500mA
62
dB
Dropout Voltage
VDROP
∆V
OUT=1%, IOUT=1A, TJ=25
oC
2V
Output Noise Voltage
NO
f=10Hz to 100kHz, TA=25
oC
10
µV/V
O
Output Resistance
RO
f=1kHz
10
m
Short Circuit Current
ISC
VIN=35V, TA=25
oC
0.2
A
Peak Output Current
IPK
VIN=14V, TJ=25
oC
2.2
A
Output Voltage
Temperature Coefficient
∆V
OUT/∆T
0.64
mV/oC
(
∆V
OUT/VOUT)/∆T
80
ppm/oC
AS7808 (VIN=14V, IOUT=1A, TJ=-40 to 125
oC, unless otherwise specified.)
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
LM78XX3-Terminal 1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
MC78XX3-Terminal 1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
MC78LXXA3-Terminal 0.1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
LM78XX_053-TERMINAL 1A POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreUnisonic Technologies
AN78XX3-pin positive output voltage regulator 1 A type 1 2 3 4 5 MorePanasonic Semiconductor
LT103810Amp Positive Adjustable Voltage Regulator 1 2 3 4 5 MoreLinear Technology
LM3173-Terminal Adjustable Output Positive Voltage Regulators 1 2 3 4 5 MoreVishay Siliconix
LM317CM3-Terminal Adjustable Output Positive Voltage Regulators 1 2 3 4 5 MoreVishay Siliconix
LM78003-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor
LM3173-Terminal Positive Adjustable Regulator 1 2 3 4 5 Fairchild Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl