|
| AS78XX_07 |
|
||
|
BCDSEMI |
|
3 page
1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR AS78XX Data Sheet 3 Mar. 2007 Rev. 1. 4 BCD Semiconductor Manufacturing Limited Functional Block Diagram Figure 3. Functional Block Diagram of AS78XX R9 R7 R4 R3 R5 C1 R11 R19 R18 R14 R15 D1 Zener R16 R17 R20 R23 R21 R2 2 OUTPUT INPUT R12 R2 R1 Q23 Q6 Q3 Q9 Q14 Q18 Q21 Q22 Q24 Q16 Q2 Q1 Q4 Q11 Q7 Q10 Q8 Q5 R8 R10 R6 R13 C2 Q12 Q15 Q13 Q17 Q19 Q20 GND 3 2 1 |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| LM78XX | 3-Terminal 1A Positive Voltage Regulator | 1 2 3 4 5 More | Fairchild Semiconductor |
| MC78XX | 3-Terminal 1A Positive Voltage Regulator | 1 2 3 4 5 More | Fairchild Semiconductor |
| MC78LXXA | 3-Terminal 0.1A Positive Voltage Regulator | 1 2 3 4 5 More | Fairchild Semiconductor |
| LM78XX_05 | 3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR | 1 2 3 4 5 More | Unisonic Technologies |
| AN78XX | 3-pin positive output voltage regulator 1 A type | 1 2 3 4 5 More | Panasonic Semiconductor |
| LT1038 | 10Amp Positive Adjustable Voltage Regulator | 1 2 3 4 5 More | Linear Technology |
| LM317 | 3-Terminal Adjustable Output Positive Voltage Regulators | 1 2 3 4 5 More | Vishay Siliconix |
| LM317CM | 3-Terminal Adjustable Output Positive Voltage Regulators | 1 2 3 4 5 More | Vishay Siliconix |
| LM7800 | 3-Terminal Positive Voltage Regulators | 1 2 3 4 5 More | National Semiconductor |
| LM317 | 3-Terminal Positive Adjustable Regulator | 1 2 3 4 5 | Fairchild Semiconductor |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |